Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT60027B Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT60027B
Description  High-Precision Reset Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT60027B Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT60027B Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT60027B Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT60027B Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT60027B Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT60027B Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT60027B Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT60027B Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT60027B Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT60027B Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Advanced Analog Technology, Inc.
May 2008
–台灣類比科技股份有限公司–
Advanced Analog Technology, Inc. –
Version 7.00
Page 1 of 14
AAT600
Product information presenting is current as of publication date.
Details are subject to change without notice.
High-Precision Reset Voltage Detector
FFFFEATURES
EATURES
EATURES
EATURES
Low Current Consumption
(3µA typ., DD
V
=3V)
High-Precision Reset Voltage Accuracy
±2%(A/B), ±1%(C/D)
Hysteresis Voltage 5% Typical
Reset Voltage 1.8V to 5.5V
Fixed or Adjustable Delay Time
Open Drain or Push-Pull Output
External Delay Time
SC82AB9(SOT343), SOT23-3, SOT23-5,
SOT89(SOT25), 3-Lead SOT89 Package
Available
A
A
A
APPLICATION
PPLICATION
PPLICATION
PPLICATION
G
G
G
GENERAL DESCRIPTION
ENERAL DESCRIPTION
ENERAL DESCRIPTION
ENERAL DESCRIPTION
The AAT600 is a high-precision reset voltage detector. It
provides a high-precision output signal, which allows
users to initiate or reset the system.
The detection voltage with an accuracy of ±2%(A/B),
±1% (C/D) is trimmed to customer’s specification. Delay
time can be adjusted by an external capacitor. The
output signal may be configured as either open drain or
push-pull. With minimal external components, the
AAT600 offers a simple and economical solution.
PIN CONFIGURATI
PIN CONFIGURATI
PIN CONFIGURATI
PIN CONFIGURATION
ON
ON
ON


Similar Part No. - AAT60027B

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
AAT60218A AAT-AAT60218A Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
AAT60218B AAT-AAT60218B Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
AAT60219A AAT-AAT60219A Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
AAT60219B AAT-AAT60219B Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
More results

Similar Description - AAT60027B

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
AiT Semiconductor Inc.
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
   SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
logo
AiT Semiconductor Inc.
A4812 AITSEMI-A4812 Datasheet
363Kb / 6P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH PRECISION PROGRAMMABLE VOLTAGE DETECTOR
REV1.0
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com