Selected language     English  ▼


J05 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part No. J05
Description  1.5 AMP SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNIOHM [UNIOHM CORPORATION]
Homepage  http://www.uniohm.com.tw
Logo 

   
 1 page
background image
1.5 AMP SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
J05
J1
J2
J4
J6
J8
J10
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
5.0
50
20
-65
+175
V
A
A
V
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.40 grams
J05 THRU J10
1.0
Typical Thermal Resistance RqJA (Note 2)
50
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.5 Amperes
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range TJ, TSTG
C
C/W
A
A




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N53911.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS 1 2 First Components International
1N53911.5 AMPS. Silicon Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SB5005 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
DB3501P35 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
DB350035 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
DB3500P_135 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
SB400L4 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
DB5000P50 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
T6A05L6.0 Amp Silicon Rectifiers 1 2 3 4 5 TAITRON Components Incorporated
1N5391S1.5 AMPS. Silicon Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl