Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATFC-0402-3N0-ST Datasheet(PDF) 1 Page - Abracon Corporation

Part # ATFC-0402-3N0-ST
Description  THIN FILM CHIP INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATFC-0402-3N0-ST Datasheet(HTML) 1 Page - Abracon Corporation

  ATFC-0402-3N0-ST Datasheet HTML 1Page - Abracon Corporation ATFC-0402-3N0-ST Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THIN FILM CHIP INDUCTOR
|||||||||||||||
ATFC-0402
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
1.0 x 0.5 x 0.32mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.24.07
Visit www.abracon.com for Terms & Conditions of Sale
• A photo-lithographic single layer ceramic chip
• High SRF; Excellent Q
• Superior Temperature Stability
• Tight Tolerance of ±1% or ± 0.1nH
• Self Resonant Frequency Control
• Stable Inductance in High Frequency Circuit
• Highly Stable Design for Critical Needs
• Cellular Telephones
• Communication Appliances
• Pagers and GPS Products • Bluetooth Module
• Wireless LAN
• VCO,TCXO Circuit and RF Transceiver Modules
PARAMETERS
ABRACON P/N:
ATFC-0402-xxx Series
Operating temperature:
-25°C to + 85°C
Storage temperature:
25±3°C; Humidity <80%RH
t
n
e
r
r
u
C
e
c
n
a
t
s
i
s
e
R
e
c
n
a
t
c
u
d
n
I
N
O
C
A
R
B
A
(
x
a
M
/
C
D
s
n
o
i
t
p
O
r
e
h
t
O
d
r
a
d
n
a
t
S
)
H
n
(
n
/
p
Ω)
DC/Max (mA)
0
0
8
1
.
0
S
,
C
)
H
n
1
.
0
±
(
B
2
.
0
X
-
2
N
0
-
2
0
4
0
-
C
F
T
A
0
0
8
1
.
0
S
,
C
)
H
n
1
.
0
±
(
B
4
.
0
X
-
4
N
0
-
2
0
4
0
-
C
F
T
A
0
0
7
5
1
.
0
S
,
C
)
H
n
1
.
0
±
(
B
8
.
0
X
-
8
N
0
-
2
0
4
0
-
C
F
T
A
0
0
7
5
1
.
0
S
,
C
)
H
n
1
.
0
±
(
B
0
.
1
X
-
0
N
1
-
2
0
4
0
-
C
F
T
A
0
0
7
5
1
.
0
S
,
C
)
H
n
1
.
0
±
(
B
1
.
1
X
-
1
N
1
-
2
0
4
0
-
C
F
T
A
0
0
7
5
1
.
0
S
,
C
)
H
n
1
.
0
±
(
B
2
.
1
X
-
2
N
1
-
2
0
4
0
-
C
F
T
A
0
0
7
5
2
.
0
S
,
C
)
H
n
1
.
0
±
(
B
3
.
1
X
-
3
N
1
-
2
0
4
0
-
C
F
T
A
0
0
7
5
2
.
0
S
,
C
)
H
n
1
.
0
±
(
B
4
.
1
X
-
4
N
1
-
2
0
4
0
-
C
F
T
A
0
0
7
5
2
.
0
S
,
C
)
H
n
1
.
0
±
(
B
5
.
1
X
-
5
N
1
-
2
0
4
0
-
C
F
T
A
0
6
5
5
2
.
0
S
,
C
)
H
n
1
.
0
±
(
B
6
.
1
X
-
6
N
1
-
2
0
4
0
-
C
F
T
A
0
6
5
5
2
.
0
S
,
C
)
H
n
1
.
0
±
(
B
7
.
1
X
-
7
N
1
-
2
0
4
0
-
C
F
T
A
0
6
5
5
2
.
0
S
,
C
)
H
n
1
.
0
±
(
B
8
.
1
X
-
8
N
1
-
2
0
4
0
-
C
F
T
A
0
6
5
5
3
.
0
S
,
C
)
H
n
1
.
0
±
(
B
9
.
1
X
-
9
N
1
-
2
0
4
0
-
C
F
T
A
0
6
5
5
3
.
0
S
,
C
)
H
n
1
.
0
±
(
B
0
.
2
X
-
0
N
2
-
2
0
4
0
-
C
F
T
A
0
4
4
5
3
.
0
S
,
C
)
H
n
1
.
0
±
(
B
2
.
2
X
-
2
N
2
-
2
0
4
0
-
C
F
T
A
0
4
4
5
3
.
0
S
,
C
)
H
n
1
.
0
±
(
B
4
.
2
X
-
4
N
2
-
2
0
4
0
-
C
F
T
A
0
4
4
5
3
.
0
S
,
C
)
H
n
1
.
0
±
(
B
5
.
2
X
-
5
N
2
-
2
0
4
0
-
C
F
T
A
0
4
4
5
3
.
0
S
,
C
)
H
n
1
.
0
±
(
B
7
.
2
X
-
7
N
2
-
2
0
4
0
-
C
F
T
A
0
8
3
5
4
.
0
S
,
C
)
H
n
1
.
0
±
(
B
8
.
2
X
-
8
N
2
-
2
0
4
0
-
C
F
T
A
0
8
3
5
4
.
0
S
,
C
)
H
n
1
.
0
±
(
B
9
.
2
X
-
9
N
2
-
2
0
4
0
-
C
F
T
A
0
8
3
5
4
.
0
S
,
C
)
H
n
1
.
0
±
(
B
0
.
3
X
-
0
N
3
-
2
0
4
0
-
C
F
T
A
0
8
3
5
4
.
0
S
,
C
)
H
n
1
.
0
±
(
B
1
.
3
X
-
1
N
3
-
2
0
4
0
-
C
F
T
A
0
8
3
5
4
.
0
S
,
C
)
H
n
1
.
0
±
(
B
2
.
3
X
-
2
N
3
-
2
0
4
0
-
C
F
T
A
0
8
3
5
4
.
0
S
,
C
)
H
n
1
.
0
±
(
B
3
.
3
X
-
3
N
3
-
2
0
4
0
-
C
F
T
A
0
8
3
5
5
.
0
S
,
C
)
H
n
1
.
0
±
(
B
5
.
3
X
-
5
N
3
-
2
0
4
0
-
C
F
T
A
0
4
3
5
5
.
0
S
,
C
)
H
n
1
.
0
±
(
B
7
.
3
X
-
7
N
3
-
2
0
4
0
-
C
F
T
A
0
4
3
5
5
.
0
S
,
C
)
H
n
1
.
0
±
(
B
9
.
3
X
-
9
N
3
-
2
0
4
0
-
C
F
T
A
0
2
3
5
6
.
0
S
,
C
)
H
n
1
.
0
±
(
B
7
.
4
X
-
7
N
4
-
2
0
4
0
-
C
F
T
A
0
8
2
5
8
.
0
S
,
C
)
H
n
1
.
0
±
(
B
6
.
5
X
-
6
N
5
-
2
0
4
0
-
C
F
T
A
0
8
2
5
8
.
0
S
,
C
)
H
n
1
.
0
±
(
B
9
.
5
X
-
9
N
5
-
2
0
4
0
-
C
F
T
A
0
6
2
5
0
.
1
S
,
C
)
H
n
1
.
0
±
(
B
8
.
6
X
-
8
N
6
-
2
0
4
0
-
C
F
T
A
0
6
2
5
0
.
1
S
,
C
)
H
n
1
.
0
±
(
B
2
.
7
X
-
2
N
7
-
2
0
4
0
-
C
F
T
A
0
2
2
5
2
.
1
S
,
C
)
H
n
1
.
0
±
(
B
0
.
8
X
-
0
N
8
-
2
0
4
0
-
C
F
T
A
0
2
2
5
2
.
1
S
,
C
)
H
n
1
.
0
±
(
B
2
.
8
X
-
2
N
8
-
2
0
4
0
-
C
F
T
A
0
2
2
5
2
.
1
S
,
C
)
H
n
1
.
0
±
(
B
1
.
9
X
-
1
N
9
-
2
0
4
0
-
C
F
T
A
0
0
2
5
3
.
1
J
,
G
,
S
,
C
)
%
1
±
(
F
0
.
0
1
X
-
N
0
1
-
2
0
4
0
-
C
F
T
A
0
8
1
5
5
.
1
J
,
G
,
S
,
C
)
%
1
±
(
F
0
.
2
1
X
-
N
2
1
-
2
0
4
0
-
C
F
T
A
0
8
1
5
7
.
1
J
,
G
,
S
,
C
)
%
1
±
(
F
8
.
3
1
X
-
8
N
3
1
-
2
0
4
0
-
C
F
T
A
0
3
1
5
7
.
1
J
,
G
,
S
,
C
)
%
1
±
(
F
0
.
5
1
X
-
N
5
1
-
2
0
4
0
-
C
F
T
A
0
0
1
5
9
.
1
J
,
G
,
S
,
C
)
%
1
±
(
F
0
.
7
1
X
-
N
7
1
-
2
0
4
0
-
C
F
T
A
0
0
1
5
1
.
2
J
,
G
,
S
,
C
)
%
1
±
(
F
0
.
8
1
X
-
N
8
1
-
2
0
4
0
-
C
F
T
A
0
9
5
5
.
2
J
,
G
,
S
,
C
)
%
1
±
(
F
8
.
0
2
X
-
8
N
0
2
-
2
0
4
0
-
C
F
T
A
0
9
5
6
.
2
J
,
G
,
S
,
C
)
%
1
±
(
F
0
.
2
2
X
-
N
2
2
-
2
0
4
0
-
C
F
T
A
5
7
5
2
.
3
J
,
G
,
S
,
C
)
%
1
±
(
F
0
.
7
2
X
-
N
7
2
-
2
0
4
0
-
C
F
T
A
ATFC-0402-33N-X
33
J (±5%)
C,S,G
4.5
75
Self Resonant
Frequency /min (GHz)
X: Tolerance Code
Quality Factor (Q)
13 / 500MHz
13 / 500MHz
13 / 500MHz
6
13 / 500MHz
6
min
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
13 / 500MHz
14
14
14
12
12
12
10
10
8
8
8
10
10
10
10
8
8
6
8
8
6
6
6
6
6
6
6
6
3.3
3.1
3.1
2.8
2.8
2.5
13 / 500MHz
2.5
13 / 500MHz
13 / 500MHz
13 / 500MHz
6
13 / 500MHz
6
13 / 500MHz
5.5
13 / 500MHz
5.5
13 / 500MHz
3.7
13 / 500MHz
5.5
13 / 500MHz
4.5
13 / 500MHz
3.7


Similar Part No. - ATFC-0402-3N0-ST

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402-0N2-X ABRACON-ATFC-0402-0N2-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
ATFC-0402-0N4-X ABRACON-ATFC-0402-0N4-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
ATFC-0402-0N8-X ABRACON-ATFC-0402-0N8-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
ATFC-0402-1N0-X ABRACON-ATFC-0402-1N0-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
ATFC-0402-1N1-X ABRACON-ATFC-0402-1N1-X Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
More results

Similar Description - ATFC-0402-3N0-ST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com