Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE7.5A Datasheet(PDF) 3 Page - UNIOHM CORPORATION

Part # 1.5KE7.5A
Description  1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

1.5KE7.5A Datasheet(HTML) 3 Page - UNIOHM CORPORATION

  1.5KE7.5A Datasheet HTML 1Page - UNIOHM CORPORATION 1.5KE7.5A Datasheet HTML 2Page - UNIOHM CORPORATION 1.5KE7.5A Datasheet HTML 3Page - UNIOHM CORPORATION 1.5KE7.5A Datasheet HTML 4Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1500 Watt Axial Lead TVS
UNI
REVERSE
BREAKDOWN BREAKDOWN
TEST
MAXIMUM
PEAK
REVERSE
DIRECTIONAL STAND-OFF
VOLTAGE
VOLTAGE
CURRENT
CLAMPING
PULSE
LEAKAGE
PART
VOLTAGE
VBR (V)
VRB (V)
IT
VOLTAGE
CURRENT
@ VRWM
NUMBER
VRWM (V)
MIN. @IT
MAX. @IT
(mA)
@Ipp Vc (V)
Ipp (A)
IR( A)
1.5KE6.8
5.50
6.12
7.48
10
10.8
140.7
1000
1.5KE33
26.80
29.70
36.30
1
47.7
31.9
5
1.5KE15
12.10
13.50
16.50
1
22.0
69.1
5
1.5KE68
55.10
61.20
74.80
1
98.0
15.5
5
1.5KE10
8.10
9.00
11.00
1
15.0
101.3
10
1.5KE47
38.10
42.30
51.70
1
67.8
22.4
5
1.5KE22
17.80
19.80
24.20
1
31.9
47.6
5
1.5KE8.2
6.63
7.38
9.02
10
12.5
121.6
200
1.5KE39
31.60
35.10
42.90
1
56.4
27.0
5
1.5KE18
14.50
16.20
19.80
1
26.5
57.4
5
1.5KE12
9.72
10.80
13.20
1
17.3
87.9
5
1.5KE56
45.40
50.40
61.60
1
80.5
18.9
5
1.5KE27
21.80
24.30
29.70
1
39.1
38.9
5
1.5KE7.5
6.05
6.75
8.25
10
11.7
129.9
500
1.5KE36
29.10
32.40
39.60
1
52.0
29.2
5
1.5KE16
12.90
14.40
17.60
1
23.5
64.7
5
1.5KE75
60.70
67.50
82.50
1
108.0
14.1
5
1.5KE11
8.92
9.90
12.10
1
16.2
93.8
5
1.5KE51
41.30
45.90
56.10
1
73.5
20.7
5
1.5KE24
19.40
21.60
26.40
1
34.7
43.8
5
1.5KE9.1
7.37
8.19
10.00
1
13.8
110.1
50
1.5KE43
34.80
38.70
47.30
1
61.9
24.6
5
1.5KE20
16.20
18.00
22.00
1
29.1
52.2
5
1.5KE13
10.50
11.70
14.30
1
19.0
80.0
5
1.5KE62
50.20
55.80
68.20
1
89.0
17.1
5
1.5KE30
24.30
27.00
33.00
1
43.5
34.9
5
1.5KE6.8A
5.80
6.45
7.14
10
10.5
144.8
1000
1.5KE33A
28.20
31.40
34.70
1
45.7
33.3
5
1.5KE15A
12.80
14.30
15.80
1
21.2
71.7
5
1.5KE68A
58.10
64.60
71.40
1
92.0
16.5
5
1.5KE10A
8.55
9.50
10.50
1
14.5
104.8
10
1.5KE47A
40.20
44.70
49.40
1
64.8
23.5
5
1.5KE22A
18.80
20.90
23.10
1
30.6
49.7
5
1.5KE8.2A
7.02
7.79
8.61
10
12.1
125.6
200
1.5KE39A
33.30
37.10
41.00
1
53.9
28.2
5
1.5KE18A
15.30
17.10
18.90
1
25.2
60.3
5
1.5KE12A
10.20
11.40
12.60
1
16.7
91.0
5
1.5KE56A
47.80
53.20
58.80
1
77.0
19.7
5
1.5KE27A
23.10
25.70
28.40
1
37.5
40.5
5
1.5KE7.5A
6.40
7.13
7.88
10
11.3
134.5
500
1.5KE36A
30.80
34.20
37.80
1
49.9
30.5
5
1.5KE16A
13.60
15.20
16.80
1
22.5
67.6
5
1.5KE75A
64.10
71.30
78.80
1
103.0
14.8
5
1.5KE11A
9.40
10.50
11.60
1
15.6
97.4
5
1.5KE51A
43.60
48.50
53.60
1
70.1
21.7
5
1.5KE24A
20.50
22.80
25.20
1
33.2
45.8
5
1.5KE9.1A
7.78
8.65
9.50
1
13.4
113.4
50
1.5KE43A
36.80
40.90
45.20
1
59.3
25.6
5
1.5KE20A
17.10
19.00
21.00
1
27.7
54.9
5
1.5KE13A
11.10
12.40
13.70
1
18.2
83.5
5
1.5KE62A
53.00
58.90
65.10
1
85.0
17.9
5
1.5KE30A
25.60
28.50
31.50
1
41.4
36.7
5


Similar Part No. - 1.5KE7.5A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE7.5A TRSYS-1.5KE7.5A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE7.5A NJSEMI-1.5KE7.5A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE7.5A NJSEMI-1.5KE7.5A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
1.5KE7.5A SECOS-1.5KE7.5A Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
logo
Shanghai Semitech Semic...
1.5KE7.5A SEMITECH-1.5KE7.5A Datasheet
180Kb / 5P
   Fast response time: typically less than 1 ns
More results

Similar Description - 1.5KE7.5A

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_07 Datasheet
73Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com