Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP6NB90 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP6NB90
Description  N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NB90 Datasheet(HTML) 7 Page - STMicroelectronics

  STP6NB90 Datasheet HTML 1Page - STMicroelectronics STP6NB90 Datasheet HTML 2Page - STMicroelectronics STP6NB90 Datasheet HTML 3Page - STMicroelectronics STP6NB90 Datasheet HTML 4Page - STMicroelectronics STP6NB90 Datasheet HTML 5Page - STMicroelectronics STP6NB90 Datasheet HTML 6Page - STMicroelectronics STP6NB90 Datasheet HTML 7Page - STMicroelectronics STP6NB90 Datasheet HTML 8Page - STMicroelectronics STP6NB90 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
STP6NB90/FP
7/9


Similar Part No. - STP6NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NB25 STMICROELECTRONICS-STP6NB25 Datasheet
108Kb / 9P
   N-CHANNEL 250V - 0.9ohm - 6A TO-220/TO-220FP PowerMesh MOSFET
STP6NB25FP STMICROELECTRONICS-STP6NB25FP Datasheet
108Kb / 9P
   N-CHANNEL 250V - 0.9ohm - 6A TO-220/TO-220FP PowerMesh MOSFET
STP6NB50 STMICROELECTRONICS-STP6NB50 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP6NB50FP STMICROELECTRONICS-STP6NB50FP Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP6NB80 STMICROELECTRONICS-STP6NB80 Datasheet
44Kb / 6P
   N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP
September 1998
More results

Similar Description - STP6NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6LNC60FP STMICROELECTRONICS-STP6LNC60FP Datasheet
324Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A TO-220/TO-220FP PowerMesh?줚I MOSFET
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
   N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
   N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
STB6NB90 STMICROELECTRONICS-STB6NB90 Datasheet
48Kb / 5P
   N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET
STP3NB90 STMICROELECTRONICS-STP3NB90 Datasheet
85Kb / 6P
   N - CHANNEL 900V - 4 ohm - 3.5 A - TO-220/TO-220FP PowerMESH MOSFET
STP3NC90Z STMICROELECTRONICS-STP3NC90Z Datasheet
335Kb / 11P
   N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STP5NK90Z STMICROELECTRONICS-STP5NK90Z Datasheet
342Kb / 12P
   N-CHANNEL 900V - 2ohm - 4.5A TO-220/TO-220FP
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
   N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com