Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45Q208C Datasheet(PDF) 53 Page - Lattice Semiconductor

Part # LC5512MV-45Q208C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45Q208C Datasheet(HTML) 53 Page - Lattice Semiconductor

Back Button LC5512MV-45Q208C Datasheet HTML 49Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 50Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 51Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 52Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 53Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 54Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 55Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 56Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 57Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
53
2
20P
C14
-
-
C15
P11
2
20N
C16/VREF2
-
-
C17
T14
2
21P
C18
C8
D8
C19
R12
2
21N
C20
C9
D9
-
R13
2
22P
C21
C10
D10
-
N11
2
22N
C22
C11
D11
C23
T15
2
23P
C24
C12
D12
C25
R14
2
23N
C26
C13
D13
C27
N12
2
24P
C28
C14
D14
C29
P12
2
24N
C30
C15
D15
C31
R15
-
-
VCCO2
-
-
-
VCCO2
-
-
GND (Bank 2)
-
-
-
GND (Bank 2)
2
25P
D0
-
-
D1
N15
2
25N
D2
-
-
D3
N14
2
26P
D4
C16
D16
-
N16
2
26N
D5
C17
D17
-
M16
2
27P
D6
C18
D18
D7
M14
2
27N
D8
C19
D19
D9
M15
-
-
VCC
-
-
-
VCC
2
28P
D10
C20
D20
D11
L13
2
28N
D12
C21
D21
D13
L12
2
29P
D14
C22
D22
D15
L15
2
29N
D16
C23
D23
D17
L16
-
-
GND
-
-
-
GND
2
30P
D18
C24
D24
D19
L14
-
-
VCCO2
-
-
-
VCCO2
2
30N
D20
C25
D25
-
K15
-
-
GND (Bank 2)
-
-
-
GND (Bank 2)
2
31P
D21
C26
D26
-
K14
2
31N
D22
C27
D27
D23
K12
2
32P
D24
C28
D28
D25
K13
2
32N
D26
C29
D29
D27
J13
2
33P
D28
C30
D30
D29
J14
2
33N
D30
C31
D31
D31
J12
-
-
TOE
---
J15
-
-
RESET
-
-
-
J11
-
-
GOE0
-
-
-
H11
-
-
GOE1
-
-
-
H13
-
-
GNDP
-
-
-
See Power Supply and
NC Connections Table
-
GCLK3N
GCLK2
-
-
-
H15
-
-
VCCP
-
-
-
See Power Supply and
NC Connections Table
-
GCLK3P
GCLK3
-
-
-
H16
ispXPLD 5256MX Logic Signal Connections (Continued)
sysIO Bank
LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate Input
256 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MV-45Q208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45Q208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com