Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3687 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3687
Description  Lithium-Ion/Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3687 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3687_08 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3687_08 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3687_08 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3687_08 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3687_08 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3687_08 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3687_08 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3687_08 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3687_08 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AAT3687
Lithium-Ion/Polymer Battery Charger
BatteryManagerTM
PRODUCT DATASHEET
8
3687.2008.04.1.12
www .analogictech.com
AAT3687
Lithium-Ion/Polymer Battery Charger
BatteryManagerTM
PRODUCT DATASHEET
8
3687.2008.04.1.12
www .analogictech.com
Typical Characteristics
CT Pin Capacitance vs. Counter Timeout
Time (hours)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
02
4
6
8
10
Precondition Timeout
Precondition + Constant Current Timeout
or Constant Voltage Timeout
Temperature Sense Output Current
vs. Temperature
Temperature (
°°C)
72
74
76
78
80
82
84
86
88
-50
-25
0
25
50
75
100


Similar Part No. - AAT3687_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3687IWP-4.2-1-T1 AAT-AAT3687IWP-4.2-1-T1 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3687IWP-4.2-2-T1 ANALOGICTECH-AAT3687IWP-4.2-2-T1 Datasheet
551Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3687IWP-4.2-2-T1 AAT-AAT3687IWP-4.2-2-T1 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3687IWP-4.2-T1 ANALOGICTECH-AAT3687IWP-4.2-T1 Datasheet
551Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3687IWP-4.2-T1 AAT-AAT3687IWP-4.2-T1 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3687_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685 Datasheet
455Kb / 23P
   Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687 Datasheet
551Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3685 AAT-AAT3685 Datasheet
678Kb / 23P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697_08 Datasheet
748Kb / 19P
   2A Lithium-Ion/Polymer Battery Charger
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
   2A Lithium-Ion/Polymer Battery Charger
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com