Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5Q208C Datasheet(PDF) 45 Page - Lattice Semiconductor

Part # LC5512MC-5Q208C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5Q208C Datasheet(HTML) 45 Page - Lattice Semiconductor

Back Button LC5512MC-5Q208C Datasheet HTML 41Page - Lattice Semiconductor LC5512MC-5Q208C Datasheet HTML 42Page - Lattice Semiconductor LC5512MC-5Q208C Datasheet HTML 43Page - Lattice Semiconductor LC5512MC-5Q208C Datasheet HTML 44Page - Lattice Semiconductor LC5512MC-5Q208C Datasheet HTML 45Page - Lattice Semiconductor LC5512MC-5Q208C Datasheet HTML 46Page - Lattice Semiconductor LC5512MC-5Q208C Datasheet HTML 47Page - Lattice Semiconductor LC5512MC-5Q208C Datasheet HTML 48Page - Lattice Semiconductor LC5512MC-5Q208C Datasheet HTML 49Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
45
Boundary Scan Timing Specifications
Over Recommended Operating Conditions
Parameter
Description
Min
Max
Units
tBTCP
TCK [BSCAN] clock pulse width
40
ns
tBTCPH
TCK [BSCAN] clock pulse width high
20
ns
tBTCPL
TCK [BSCAN] clock pulse width low
20
ns
tBTS
TCK [BSCAN] setup time
8
ns
tBTH
TCK [BSCAN] hold time
10
ns
tBTRF
TCK [BSCAN] rise/fall time
50
mV/ns
tBTCO
TAP controller falling edge of clock to valid output
10
ns
tBTCODIS
TAP controller falling edge of clock to valid disable
10
ns
tBTCOEN
TAP controller falling edge of clock to valid enable
10
ns
tBTCRS
BSCAN test capture register setup time
8
ns
tBTCRH
BSCAN test capture register hold time
10
ns
tBUTCO
BSCAN test update register, falling edge of clock to valid output
25
ns
tBTUODIS
BSCAN test update register, falling edge of clock to valid disable
25
ns
tBTUPOEN
BSCAN test update register, falling edge of clock to valid enable
25
ns


Similar Part No. - LC5512MC-5Q208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5Q208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com