Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR352 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # AR352
Description  35.0 AMP SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

AR352 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  AR352 Datasheet HTML 1Page - UNIOHM CORPORATION AR352 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
35.0 AMP SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=150 C
AR
Dimensions in inches and (millimeters)
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 35.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Typical Junction Capacitance (Note 1)
AR3505
AR351
AR352
AR354
AR356
AR358
AR3510
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
35.0
400
25
500
350
-65
+175
V
A
A
V
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* Low leakage current
* High reliability
* High current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Slugs: Plated slugs, solderable per MIL-STD-202
method 208 guranteed
* Polarity: Color ring denotes cathode end
* Mounting position: Any
Weight: 1.80 grams
AR3505 THRU AR3510
1.0
Typical Thermal Resistance RqJA (Note 2)
1.0
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
35.0 Ampere
Cathode Band Color
Red
Yellow
Silver
Orange Green
Blue
Violet
.250(6.4)
.235(6.0)
.185(4.7)
.165(4.2)
.410(10.4)
.380(9.7)
.225(5.7)
.215(5.5)
Operating and Storage Temperature Range TJ, TSTG
C
C/W
A
A


Similar Part No. - AR352

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
AR352 DAESAN-AR352 Datasheet
269Kb / 2P
   CURRENT 35.0 Amperes VOLTAGE 50 TO 1000 VOLTS
logo
TAITRON Components Inco...
AR352 TAITRON-AR352 Datasheet
134Kb / 4P
   35A Automotive Rectifiers
logo
MIC GROUP RECTIFIERS
AR352 MIC-AR352 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
logo
Shanghai Lunsure Electr...
AR352 CHENYI-AR352 Datasheet
154Kb / 2P
   BUTTON DIODES
logo
Shanghai Shunye Electro...
AR352 SHUNYE-AR352 Datasheet
225Kb / 2P
   AUTOMOTIVE BUTTON DIODE
More results

Similar Description - AR352

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
AR3505 GWSEMI-AR3505 Datasheet
69Kb / 2P
   35.0 AMP SILICON RECTIFIERS
logo
Surge Components
SB35005 SURGE-SB35005 Datasheet
205Kb / 4P
   35.0 AMP SILICON BRIDGE???
logo
Taiwan Semiconductor Co...
ARS35 TSC-ARS35 Datasheet
73Kb / 2P
   35.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Yangzhou yangjie electr...
ARS35 YANGJIE-ARS35 Datasheet
751Kb / 2P
   35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
FCI connector
PLFR3502-3506 FCI-CONNECTOR-PLFR3502-3506 Datasheet
459Kb / 2P
   35.0 Amp LUCAS AUTO PRESSFIT
logo
First Components Intern...
PLFR3501 FCI-PLFR3501 Datasheet
459Kb / 2P
   35.0 Amp LUCAS AUTO PRESSFIT
logo
Taiwan Semiconductor Co...
TAR3525 TSC-TAR3525 Datasheet
54Kb / 2P
   35.0 AMPS. Load Dump Rectifiers
logo
FCI connector
HPFR3502-3506 FCI-CONNECTOR-HPFR3502-3506 Datasheet
487Kb / 2P
   35.0 Amp HOOK TYPE AUTO PRESSFIT
logo
First Components Intern...
PTFR3501 FCI-PTFR3501 Datasheet
538Kb / 2P
   35.0 Amp TIN CAN AUTO DIODE
HPFR3501 FCI-HPFR3501 Datasheet
487Kb / 2P
   35.0 Amp HOOK TYPE AUTO PRESSFIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com