Selected language     English  ā–¼


W01M Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part No. W01M
Description  SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNIOHM [UNIOHM CORPORATION]
Homepage  http://www.uniohm.com.tw
Logo 

   
 1 page
background image
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=25 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
W005M W01M
W02M
W04M W06M
W08M
W10M UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
10
500
-65
+150
-65
+125
V
A
A
V
C
C
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.20 grams
W005M THRU W10M
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
WOM
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
1.0
(25.4)
MIN.
1.2
(30.5)
MIN.
.358
(9.1)
MAX.
.217(5.5)
.197(5.0)
.032(0.8)
.030(0.7)
POS.
LEAD
* Low leakage current
1.5 Amperes
A
A




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RB151SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
MB3505SINGLE PHASE 35 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
MB3505WSINGLE PHASE 35 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
MD1SSINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
W005Single Phase 1.5 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
W005_1Single Phase 1.5 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
D2SB05_06Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers GBL 1 2 Taiwan Semiconductor Company, Ltd
GBJ601SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
RS101SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
W005GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl