Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P75NF Datasheet(PDF) 11 Page - STMicroelectronics

Part # P75NF
Description  N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P75NF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button P75NF Datasheet HTML 3Page - STMicroelectronics P75NF Datasheet HTML 4Page - STMicroelectronics P75NF Datasheet HTML 5Page - STMicroelectronics P75NF Datasheet HTML 6Page - STMicroelectronics P75NF Datasheet HTML 7Page - STMicroelectronics P75NF Datasheet HTML 8Page - STMicroelectronics P75NF Datasheet HTML 9Page - STMicroelectronics P75NF Datasheet HTML 10Page - STMicroelectronics P75NF Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
STB75NF75L/-1 STP75NF75L
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is registered trademark of STMicroelectronics
® 2002 STMicroelectronics - All Rights Reserved
All other names are the property of their respective owners.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com


Similar Part No. - P75NF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P75NF STMICROELECTRONICS-P75NF Datasheet
473Kb / 11P
   N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D짼PAK STripFET??II POWER MOSFET
logo
Thinki Semiconductor Co...
P75NF75 THINKISEMI-P75NF75 Datasheet
1Mb / 5P
   75V,80A Heatsink Planar N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
P75NF75 ISC-P75NF75 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
P75NF758 STMICROELECTRONICS-P75NF758 Datasheet
422Kb / 16P
   N-channel 75V - 0.0095廓 - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
More results

Similar Description - P75NF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75NF75L STMICROELECTRONICS-STB75NF75L_07 Datasheet
334Kb / 13P
   N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
   N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB75NE75 STMICROELECTRONICS-STB75NE75 Datasheet
86Kb / 8P
   N - CHANNEL 75V - 0.01 ohm - 75A - D2PAK STripFET] POWER MOSFET
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
   N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
February 2001
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
   N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
   N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
   N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
logo
STMicroelectronics
STB200NF04L STMICROELECTRONICS-STB200NF04L Datasheet
358Kb / 12P
   N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com