Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45FN256C Datasheet(PDF) 78 Page - Lattice Semiconductor

Part # LC5512MV-45FN256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45FN256C Datasheet(HTML) 78 Page - Lattice Semiconductor

Back Button LC5512MV-45FN256C Datasheet HTML 74Page - Lattice Semiconductor LC5512MV-45FN256C Datasheet HTML 75Page - Lattice Semiconductor LC5512MV-45FN256C Datasheet HTML 76Page - Lattice Semiconductor LC5512MV-45FN256C Datasheet HTML 77Page - Lattice Semiconductor LC5512MV-45FN256C Datasheet HTML 78Page - Lattice Semiconductor LC5512MV-45FN256C Datasheet HTML 79Page - Lattice Semiconductor LC5512MV-45FN256C Datasheet HTML 80Page - Lattice Semiconductor LC5512MV-45FN256C Datasheet HTML 81Page - Lattice Semiconductor LC5512MV-45FN256C Datasheet HTML 82Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
78
1
15N
C0
A31
C31
C1
W5
1
16P
E30/DATA0
G0
E0
E31
W1
W1
1
16N
E28/DATA1
G1
E1
E29
Y1
Y1
1
17P
E26/DATA2
G2
E2
E27
P3
V6
1
17N
E24/DATA3
G3
E3
E25
R3
W6
1
18P
E22/DATA4
G4
E4
E23
T2
Y2
1
18N
E20/DATA5
G5
E5
E21
U2
Y3
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
19P
E18/DATA6
G6
E6
E19
V2
Y4
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
19N
E16/DATA7
G7
E7
E17
W2
Y5
-
-
GND
-
-
-
GND
GND
1
20P
E14/INITB
G8
E8
E15
R4
V7
1
20N
E12/CSB
G9
E9
E13
T4
W7
1
21P
E10/READ
G10
E10
E11
R6
AA1
1
21N
E8/CCLK
G11
E11
E9
R5
AA2
1
22P
E6
-
-
E7
U3
AA3
-
-
VCC
-
-
-
VCC
VCC
1
22N
E4
-
-
E5
V3
AA4
1
23P
E2
-
-
E3
Y2
Y6
1
23N
E0
-
-
E1
W3
AA5
1
24P
F30
H0
-
F31
U5
AB2
1
24N
F28
H2
-
F29
T5
AB3
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
25P
F26
H4
F27
U4
AB4
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
25N
F24
H6
-
F25
V4
AB5
1
26P
F22
H8
-
F23
AA3
AB1
1
26N
F20
H10
-
F21
AB3
AC2
1
-
F18
H12
-
F19
Y4
AC3
-
-
DONE
-
-
-
AA4
AC4
1
27P
F14
-
-
F15
AB2
AC1
1
27N
F12
-
-
F13
U6
AD1
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
28P
F10
F11
V5
AD2
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
28N
F8
F9
W6
AD3
1
29P
F6
G12
E12
F7
AB4
Y8
1
29N
F4
G13
E13
F5
AB5
Y9
1
30P
F2
G14
E14
F3
T6
AA8
1
30N
F0
G15
E15
F1
U7
AA9
-
-
PROGRAMB
-
-
-
W5
AB8
1
-
G28
H14
-
G29
U8
AB9
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MV-45FN256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45FN256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com