Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6128IRGZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6128IRGZT
Description  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6128IRGZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS6128IRGZT Datasheet HTML 6Page - Texas Instruments ADS6128IRGZT Datasheet HTML 7Page - Texas Instruments ADS6128IRGZT Datasheet HTML 8Page - Texas Instruments ADS6128IRGZT Datasheet HTML 9Page - Texas Instruments ADS6128IRGZT Datasheet HTML 10Page - Texas Instruments ADS6128IRGZT Datasheet HTML 11Page - Texas Instruments ADS6128IRGZT Datasheet HTML 12Page - Texas Instruments ADS6128IRGZT Datasheet HTML 13Page - Texas Instruments ADS6128IRGZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
TIMING REQUIREMENTS – LVDS AND CMOS MODES
(1)
ADS6149/ADS6129
ADS6148/ADS6128
SLWS211B – JULY 2008 – REVISED OCTOBER 2008 ..................................................................................................................................................... www.ti.com
Typical values are at 25°C, AVDD = 3.3V, DRVDD = 1.8V, sampling frequency = 250 MSPS, sine wave input clock,
CLOAD = 5pF
(2), R
LOAD = 100Ω
(3), LOW SPEED mode disabled, unless otherwise noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3V, DRVDD = 1.7V to
1.9V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
The delay in time between the rising edge of the input sampling clock and
ta
Aperture delay
0.7
1.2
1.7
ns
the actual time at which the sampling occurs
tj
Aperture jitter
170
fs rms
Time to valid data after coming out of STANDBY mode
0.3
1
µs
Time to valid data after coming out of PDN GLOBAL mode
25
100
Wake-up time
clock
Time to valid data after stopping and restarting the input clock
10
cycles
clock
ADC Latency(4)
Default, after reset
18
cycles
DDR LVDS MODE (5)
tsu
Data setup time
Data valid (6) to zero-crossing of CLKOUTP
0.8
1.2
ns
th
Data hold time
Zero-crossing of CLKOUT to data becoming invalid(6)
0.25
0.6
ns
tPDI
Clock propagation delay
Input clock rising edge cross-over to output clock rising edge cross-over
0.2 × ts + tdelay
ns
100 MSPS
≤ Sampling frequency ≤ 250 MSPS
tdelay
5.0
6.2
7.5
ns
Duty cycle of differential clock, (CLKOUTP–CLKOUTM)
LVDS bit clock duty cycle
52%
100 MSPS
≤ Sampling frequency ≤ 250 MSPS
Rise time measured from –100 mV to 100 mV
tRISE,
Data rise time,
Fall time measured from 100 mV to –100 mV
0.08
0.14
0.2
ns
tFALL
Data fall time
1 MSPS
≤ Sampling frequency ≤ 250 MSPS
Rise time measured from –100 mV to 100 mV
tCLKRISE,
Output clock rise time,
Fall time measured from 100 mV to –100 mV
0.08
0.14
0.2
ns
tCLKFALL
Output clock fall time
1 MSPS
≤ Sampling frequency ≤ 250 MSPS
tOE
Output enable (OE) to data delay
Time to valid data after OE becomes active
40
ns
PARALLEL CMOS MODE(7)
tSTART
Input clock to data delay
Input clock rising edge cross-over to start of data valid(8)
3.2
ns
tDV
Data valid time
Time interval of valid data(8)
0.7
1.5
ns
tPDI
Clock propagation delay
Input clock rising edge cross-over to output clock rising edge cross-over
0.78 × ts + tdelay
100 MSPS
≤ Sampling frequency ≤ 150 MSPS
tdelay
5
6.5
8
ns
Duty cycle of differential clock, (CLKOUT)
Output clock duty cycle
50%
100 MSPS
≤ Sampling frequency ≤ 150 MSPS
tRISE,
Data rise time,
Rise time measured from 20% to 80% of DRVDD,
Fall time measured from 80% to 20% of DRVDD,
0.7
1.2
2
ns
tFALL
Data fall time
1 MSPS
≤ Sampling frequency ≤ 250 MSPS
Rise time measured from 20% to 80% of DRVDD,
tCLKRISE,
Output clock rise time,
Fall time measured from 80% to 20% of DRVDD,
0.5
1
1.5
ns
tCLKFALL
Output clock fall time
1 MSPS
≤ Sampling frequency ≤ 150 MSPS
tOE
Output enable (OE) to data delay
Time to valid data after OE becomes active
20
ns
(1)
Timing parameters are specified by design and characterization and not tested in production.
(2)
CLOAD is the effective external single-ended load capacitance between each output pin and ground
(3)
RLOAD is the differential load resistance between the LVDS output pair.
(4)
At higher frequencies, tPDI is greater than one clock period and overall latency = ADC latency + 1.
(5)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load. Setup and hold
time specifications take into account the effect of jitter on the output data and clock.
(6)
Data valid refers to LOGIC HIGH of +100mV and LOGIC LOW of –100mV.
(7)
For Fs> 150 MSPS, it is recommended to use external clock for data capture and NOT the device output clock signal (CLKOUT).
(8)
Data valid refers to LOGIC HIGH of 1.26V and LOGIC LOW of 0.54V.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128


Similar Part No. - ADS6128IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6128IRGZT TI-ADS6128IRGZT Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZT TI-ADS6128IRGZT Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZT TI1-ADS6128IRGZT Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZTG4 TI-ADS6128IRGZTG4 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS6128IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com