Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z75DBT-V160 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z75DBT-V160
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z75DBT-V160 Datasheet(HTML) 5 Page - Texas Instruments

  BQ20Z75DBT-V160 Datasheet HTML 1Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 2Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 3Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 4Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 5Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 6Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 7Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 8Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Recommended Operating Conditions
Electrical Characteristics
bq20z75
www.ti.com............................................................................................................................................................... SLUS723C – JULY 2007 – REVISED JULY 2008
over operating free-air temperature range (unless otherwise noted)
PARAMETER
PIN
MIN
NOM
MAX
UNIT
V SUP
Supply voltage
VCC, VBAT
4.5
25
V
V
Minimum startup voltage
VCC, BAT, PACK
5.5
V
STARTUP
VC(n)–VC(n+1); n = 1,2,3,4
0
5
V
VC1, VC2, VC3, VC4
0
VSUP
V
VIN
Input Voltage Range
VC5
0
0.5
V
ASRN, ASRP
–0.5
0.5
V
PACK, PMS
0
25
V
VGPOD
Output Voltage Range
GPOD
0
25
V
AGPOD
Drain Current(1)
GPOD
1
mA
CREG25
2.5V LDO Capacitor
REG25
1
µF
CREG33
3.3V LDO Capacitor
REG33
2.2
µF
CVCELL+
Cell Voltage Output Capacitor
VCELL+
0.1
µF
CPACK
PACK input block resistor(2)
PACK
1
k
(1)
Use external resistor to limit current to GPOD to 1mA in high voltage application.
(2)
External resistor to limit inrush current PACK pin required.
over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, VREG25 = 2.41 V to 2.59 V, VBAT =
14V, CREG25 = 1µF, CREG33 = 2.2µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
INORMAL
Firmware running
550
µA
ISLEEP
Sleep Mode
CHG FET on; DSG FET on
124
µA
CHG FET off; DSG FET on
90
µA
CHG FET off; DSG FET off
52
µA
ISHUTDOW
Shutdown Mode
0.1
1
µA
N
SHUTDOWN WAKE; TA = 25°C (unless otherwise noted)
IPACK
Shutdown exit at VSTARTUP threshold
1
µA
SRx WAKE FROM SLEEP; TA = 25°C (unless otherwise noted)
Positive or negative wake threshold with
VWAKE
1.00 mV, 2.25 mV, 4.5 mV and 9 mV
1.25
10
mV
programmable options
VWAKE = 1.0mV;
–0.7
0.7
IWAKE=0, RSNS1=0, RSNS0=1;
VWAKE = 2.25mV;
IWAKE =1, RSNS1=0, RSNS0=1;
–0.8
0.8
IWAKE =0, RSNS1=1, RSNS0=0;
VWAKE_A
Accuracy of VWAKE
mV
CR
VWAKE = 4.5mV;
IWAKE =1, RSNS1=1, RSNS0=1;
–1.0
1.0
IWAKE =0, RSNS1=1, RSNS0=0;
VWAKE = 9mV;
–1.4
1.4
IWAKE =1, RSNS1=1, RSNS0=1;
VWAKE_T
Temperature drift of VWAKE accuracy
0.5
%/°C
CO
Time from application of current and
tWAKE
1
10
ms
wake of bq20z75
POWER-ON RESET
VIT–
Negative-going voltage input
Voltage at REG25 pin
1.70
1.80
1.90
V
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq20z75


Similar Part No. - BQ20Z75DBT-V160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75DBT-V160 TI-BQ20Z75DBT-V160 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBT-V160 TI1-BQ20Z75DBT-V160 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
More results

Similar Description - BQ20Z75DBT-V160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75_08 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBTR-V180 TI-BQ20Z75DBTR-V180 Datasheet
896Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com