Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ6400RGZT Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ6400RGZT
Description  Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ6400RGZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ6400RGZT Datasheet HTML 7Page - Texas Instruments BQ6400RGZT Datasheet HTML 8Page - Texas Instruments BQ6400RGZT Datasheet HTML 9Page - Texas Instruments BQ6400RGZT Datasheet HTML 10Page - Texas Instruments BQ6400RGZT Datasheet HTML 11Page - Texas Instruments BQ6400RGZT Datasheet HTML 12Page - Texas Instruments BQ6400RGZT Datasheet HTML 13Page - Texas Instruments BQ6400RGZT Datasheet HTML 14Page - Texas Instruments BQ6400RGZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Safety
Cell Balancing
Outputs
bq6400
www.ti.com ......................................................................................................................................................................................... SLUS841 – SEPTEMBER 2008
management. Temperature is measured by one internal sensor and up to 12 additional multiplexed external
temperature sensors, for a total of up to 13 independent measurement points in the pack. Coulomb counting is
captured continuously by a dedicated 18-bit integrating Delta-Sigma A/D converter. The bq6400 is also
responsible for pack data calculations, black-box forensic data storage and communicating parameters via
SMBus to a host processor as the core of a Smart Battery System (SBS).
Unique in the battery management controller market, the bq6400 simultaneously measures voltage and current
using independent and highly accurate Delta-Sigma A/D converters. This technique removes virtually all systemic
noise from measurements, which are made during all modes of battery operation – charge, discharge, and rest.
Battery impedance and self-discharge characteristics are thus measured with an unprecedented level of
accuracy in real-time. The device applies this precise information to SmartSafety™ algorithms to detect certain
anomalies and conditions which may be indicative of internal cell faults, before they become serious problems.
The bq6400 uses its enhanced measurement system to detect pack faults including cell under and over-voltage,
cell under and over-temperature, pack over-voltage, and pack over-current, over-charge, and short circuit
conditions. First level safety algorithms will first attempt to open the MOSFET safety switches. If this fails, 2nd
level safety algorithms will open the in-line chemical fuse and provide permanent, hard protection for the pack
and user. External MOSFET control inputs with programmable polarity can also be used to operate the protection
MOSFETs under control of user supplied circuitry. The bq6400 continuously monitors these inputs. If the
MOSFETs fail to open when commanded, the 2nd level safety algorithms will also activate the fuse. All 1st and 2nd
level safety algorithms have programmable time delays to prevent false triggering on noise events.
Patented PowerPump™ cell balancing drastically increases the useful life of battery packs by eliminating the
cycle life fade of multi-cell packs due to cell imbalance. PowerPump™ efficiently transfers charge from cell to
cell, rather than simply bleeding off charging energy as heat the way competitor’s circuits using resistive-bleed
balancing do. Balancing is configurable and may be performed during any combination of battery operational
modes – charge, discharge, and rest. Compared to resistive bleed balancing, virtually no energy is lost as heat.
The actual balance current is externally scalable and can range from 10mA to 1A depending on component
selection and application or cell requirements.
A variety of techniques, such as voltage or State-Of-Charge balancing, are easily implemented by the bq6400.
By tracking the balancing required by individual cells, overall battery safety is enhanced – often allowing early
detection of soft shorts or other cell failures. Balancing is achieved between all cells within the pack as
dynamically determined by the bq6400.
Charge Control
The open drain outputs CHG and PRE are used to drive MOSFET transistors controlling cell stack charging.
Charge or Pre-charge mode is selected based on the current cell voltage compared to the user-definable cell
pre-charge under-voltage thresholds. When below the limit, or when below the charge temperature minimum, the
PRE signal is active and CHG signal is inactive. This turns on the Pre-Charge MOSFET and is used to charge a
depleted pack through a current-limiting series resistor. When all cell voltages are above the limit and the
temperature is above the charge temperature minimum, then the CHG output also becomes active and enables
the Charge MOSFET to turn on and provide a high current path between the charger and battery cells.
The CHG and PRE MOSFET control outputs are both disabled (low) when a cell reaches any safety cutoff limit
or temperature threshold. During active charging modes (and above cell voltage thresholds), the Discharge
MOSFET is also enabled to avoid excessive heating of the body diode. Similarly, the CHG MOSFET is active
during discharge provided current flow is in the correct direction and no safety violations are present.
The CHG and PRE outputs are intended to drive buffer transistors acting as inverting level shifters.
Discharge Control
The DSG output operates similarly to control cell stack discharging. It is enabled (high) by default. If either a cell
voltage falls below the lower threshold, or excessive current or other safety related fault is sensed, the DSG
output is disabled (low) to prevent damage to the cell or pack.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :bq6400


Similar Part No. - BQ6400RGZT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ60120HEA25NKS SYNQOR-BQ60120HEA25NKS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
BQ60120HEA25NNS SYNQOR-BQ60120HEA25NNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
BQ60120HEA25NRS SYNQOR-BQ60120HEA25NRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
BQ60120HEA25NYS SYNQOR-BQ60120HEA25NYS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
BQ60120HEA25PKS SYNQOR-BQ60120HEA25PKS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - BQ6400RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114 Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113_13 Datasheet
766Kb / 34P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009-2013
MCP73113 MICROCHIP-MCP73113_10 Datasheet
587Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2010
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com