Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z75DBTR Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ20Z75DBTR
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z75DBTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ20Z75DBTR Datasheet HTML 7Page - Texas Instruments BQ20Z75DBTR Datasheet HTML 8Page - Texas Instruments BQ20Z75DBTR Datasheet HTML 9Page - Texas Instruments BQ20Z75DBTR Datasheet HTML 10Page - Texas Instruments BQ20Z75DBTR Datasheet HTML 11Page - Texas Instruments BQ20Z75DBTR Datasheet HTML 12Page - Texas Instruments BQ20Z75DBTR Datasheet HTML 13Page - Texas Instruments BQ20Z75DBTR Datasheet HTML 14Page - Texas Instruments BQ20Z75DBTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
FEATURE SET
Primary (1st Level) Safety Features
Secondary (2nd Level) Safety Features
Charge Control Features
Gas Gauging
Authentication
Power Modes
bq20z75
www.ti.com............................................................................................................................................................... SLUS723C – JULY 2007 – REVISED JULY 2008
The bq20z75 supports a wide range of battery and system protection features that can easily be configured. The
primary safety features include:
• Cell over/under voltage protection
• Charge and Discharge over current
• Short Circuit
• Charge and Discharge Over temperature
• AFE Watchdog
The secondary safety features of the bq20z75 can be used to indicate more serious faults via the SAFE (pin 7).
This pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or
discharging. The secondary safety protection features include:
• Safety overvoltage
• Safety overcurrent in Charge and Discharge
• Safety overtemperature in Charge and Discharge
• Charge FET and 0 Volt Charge FET fault
• Discharge FET fault
• AFE communication fault
The bq20z75 charge control features include:
• Reports the appropriate charging current needed for constant current charging and the appropriate charging
voltage needed for constant voltage charging to a smart charger using SMBus broadcasts.
• Determines the chemical state of charge of each battery cell using Impedance Track™ and can reduce the
charge difference of the battery cells in fully charged state of the battery pack gradually using cell balancing
algorithm during charging. This prevents fully charged cells from overcharging and causing excessive
degradation and also increases the usable pack energy by preventing premature charge termination
• Supports pre-charging/zero-volt charging
• Support fast charging
• Supports charge inhibit and charge suspend if battery pack temperature is out of temperature range
• Reports charging fault and also indicate charge status via charge and discharge alarms.
The bq20z75 uses the Impedance Track™ Technology to measure and calculate the available charge in battery
cells. The achievable accuracy is better than 1% error over the lifetime of the battery and there is no full charge
discharge learning cycle required.
See Theory and Implementation of Impedance Track Battery Fuel-Gauging Algorithm application note (SLUA364)
for further details.
The bq20z75 supports authentication by the host using SHA-1.
The bq20z75 supports 3 different power modes to reduce power consumption:
• In Normal Mode, the bq20z75 performs measurements, calculations, protection decisions and data updates in
1 second intervals. Between these intervals, the bq20z75 is in a reduced power stage.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq20z75


Similar Part No. - BQ20Z75DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75DBTR TI-BQ20Z75DBTR Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
BQ20Z75DBTR TI-BQ20Z75DBTR Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBTR-V160 TI-BQ20Z75DBTR-V160 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBTR-V160 TI1-BQ20Z75DBTR-V160 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ20Z75DBTR-V160G4 TI1-BQ20Z75DBTR-V160G4 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
More results

Similar Description - BQ20Z75DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75_08 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBTR-V180 TI-BQ20Z75DBTR-V180 Datasheet
896Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com