Selected language     English  ā–¼


SMAJ7.0 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part No. SMAJ7.0
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNIOHM [UNIOHM CORPORATION]
Homepage  http://www.uniohm.com.tw
Logo 

   
 1 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATINGS
SYMBOL
VALUE
UNITS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1)
PPK
Minimum 400
Watts
FEATURES
MECHANICAL DATA
Peak Forward Surge Current at 8.3ms Single Half Sine-Wave
Maximum Instantenous Forward Voltage at 25.0A for
superimposed on rated load (JEDEC method) (NOTE 3)
Unidirectional only
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
* For surface mount application
1.0ps from 0 volt to BV min.
* High temperature soldering guaranteed:
260 C / 10 seconds at terminals
* Typical IR less than 1 A above 10V
* Fast response time: Typically less than
* Built-in strain relief
* Excellent clamping capability
* Low profile package
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end except Bidirectional
* Mounting position: Any
Weight: 0.063 grams
SMAJ SERIES
*
VOLTAGE RANGE
5.0 to 170 Volts
400 Watts Peak Power
IFSM
40
Amps
VF
3.5
Volts
NOTES:
1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2.
2. Mounted on Copper Pad area of 5.0mm (.013mm Thick) to each terminal.
3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types SMAJ5.0 thru SMAJ170.
2. Electrical characteristics apply in both directions.
Dimensions in inches and (millimeters)
.208(5.28)
.194(4.93)
.177(4.50)
.157(3.99)
.012(0.31)
.006(0.15)
.058(1.47)
.052(1.32)
.090(2.29)
.078(1.98)
.060(1.52)
.030(0.76)
.110(2.79)
.100(2.54)
.005
(.127)
MAX.
2
DO-214AC(SMA)




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMP11Surface Mount TRANSZORB Transient Voltage Suppressors 1 2 3 4 Vishay Siliconix
SMCJ5.0Surface Mount TRANSZORB Transient Voltage Suppressors 1 2 3 4 Vishay Siliconix
P4SMA6.8ASurface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V 1 2 3 GOOD-ARK Electronics
TPSMB43ASurface Mount Automotive Transient Voltage Suppressors 1 2 3 4 5 Vishay Siliconix
SMAJ530Surface Mount TransZorbTM Transient Voltage Suppressors 1 2 Taiwan Semiconductor Company, Ltd
TPSMA43ASurface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions 1 2 3 4 5 Vishay Siliconix
1.5SMCJ_061500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
P6SMBJ_06600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
1N6102USVoidless-Hermetically-Sealed Surface Mount Bidirectional Transient Suppressors 1 2 3 4 5 Microsemi Corporation
SMCJ5.0Surface Mount Transient Voltage Suppressor 1 2 3 4 5 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl