Selected language     English  ā–¼


SMAJ7.0 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part No. SMAJ7.0
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNIOHM [UNIOHM CORPORATION]
Homepage  http://www.uniohm.com.tw
Logo 

   
 2 page
background image
RATING AND CHARACTERISTIC CURVES (SMAJ SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
0.1ms
1.0ms
10ms
100ms
1.0ms
10ms
0.1
1.0
10
100
td, PULSE WIDTH, sec.
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
TA=25 C
FIG.2-PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE ( C)
0
25
50
75
100
125
150
175
0
25
50
75
100
FIG.3-PULSE WAVE FORM
FIG.4-TYPICAL JUNCTION CAPACITANCE
0
1.0
2.0
3.0
4.0
t, TIME, ms
0
50
100
150
td
e-kt
Tf=10 s
Peak Value
IPPM
Half Value-IPPM
2
TA=25 C
Pulse Width (td) is defined
as the point where the Peak
Current Deacys to 50% of Ipp
1.0
2.0
5.0
10
20
50
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
100
200
500
10
20
50
1,000
2,000
5,000
10,000
Measured at
Stand-Off
Voltage(VMW)
Measued at
Zero Bias
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
FIG.5-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
20
40
60
80
100
TJ=TJmax
8.3ms Single Half Sine-wave
JEDEC Method
5.0mm COPPER PAD AREAS
2
10/1000 sec Waveform
as Defined by R.E.A.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMP11Surface Mount TRANSZORB Transient Voltage Suppressors 1 2 3 4 Vishay Siliconix
SMCJ5.0Surface Mount TRANSZORB Transient Voltage Suppressors 1 2 3 4 Vishay Siliconix
P4SMA6.8ASurface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V 1 2 3 GOOD-ARK Electronics
TPSMB43ASurface Mount Automotive Transient Voltage Suppressors 1 2 3 4 5 Vishay Siliconix
SMAJ530Surface Mount TransZorbTM Transient Voltage Suppressors 1 2 Taiwan Semiconductor Company, Ltd
TPSMA43ASurface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions 1 2 3 4 5 Vishay Siliconix
1.5SMCJ_061500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
P6SMBJ_06600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
1N6102USVoidless-Hermetically-Sealed Surface Mount Bidirectional Transient Suppressors 1 2 3 4 5 Microsemi Corporation
SMCJ5.0Surface Mount Transient Voltage Suppressor 1 2 3 4 5 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl