Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z75DBTR-V160 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z75DBTR-V160
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z75DBTR-V160 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ20Z75DBTR-V160 Datasheet HTML 5Page - Texas Instruments BQ20Z75DBTR-V160 Datasheet HTML 6Page - Texas Instruments BQ20Z75DBTR-V160 Datasheet HTML 7Page - Texas Instruments BQ20Z75DBTR-V160 Datasheet HTML 8Page - Texas Instruments BQ20Z75DBTR-V160 Datasheet HTML 9Page - Texas Instruments BQ20Z75DBTR-V160 Datasheet HTML 10Page - Texas Instruments BQ20Z75DBTR-V160 Datasheet HTML 11Page - Texas Instruments BQ20Z75DBTR-V160 Datasheet HTML 12Page - Texas Instruments BQ20Z75DBTR-V160 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Flash Characteristics Over Recommended Operating Temperature and Supply Voltage
SMBus Timing Characteristics
bq20z75
www.ti.com............................................................................................................................................................... SLUS723C – JULY 2007 – REVISED JULY 2008
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, VREG25 = 2.41 V to 2.59 V, VBAT =
14V, CREG25 = 1µF, CREG33 = 2.2µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–3%
0.25%
3%
f(EIO)
Frequency error (12)(13)
TA = 20°C to 70°C
–2%
0.25%
2%
t(SXO)
Start-up time(14)
2.5
5
ms
LOW FREQUENCY OSCILLATOR
f(LOSC)
Operating frequency
32.768
kHz
–2.5%
0.25%
2.5%
f(LEIO)
Frequency error(13)(15)
TA = 20°C to 70°C
–1.5%
0.25%
1.5%
t(LSXO)
Start-up time(14)
500
µs
(12) The frequency error is measured from 4.194 MHz.
(13) The frequency drift is included and measured from the trimmed frequency at VREG25 = 2.5V, TA = 25°C
(14) The startup time is defined as the time it takes for the oscillator output frequency to be ±3%
(15) The frequency error is measured from 32.768 kHz.
Typical Values at TA = 25°C and VREG25= 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention
10
Years
Flash programming write-cycles
20k
Cycles
t(ROWPROG)
Row programming time
See (1)
2
ms
t(MASSERASE) Mass-erase time
200
ms
t(PAGEERASE) Page-erase time
20
ms
I(DDPROG)
Flash-write supply current
5
10
mA
I(DDERASE)
Flash-erase supply current
5
10
mA
RAM BACKUP
V(RBI) > V(RBI)MIN , VREG25 < VIT–,
1000
2500
TA = 85°C
I(RB)
RB data-retention input current
nA
V(RBI) > V(RBI)MIN , VREG25 < VIT–,
90
220
TA = 25°C
V(RB)
RB data-retention input voltage(1)
1.7
V
(1)
Assured by design. Not production tested.
TA = –40°C to 85°C Typical Values at TA = 25°C and V(REG25) = 2.5 V (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSMB
SMBus operating frequency
Slave mode, SMBC 50% duty cycle
10
100
kHz
fMAS
SMBus master clock frequency
Master mode, No clock low slave
51.2
kHz
extend
t(BUF)
Bus free time between start and stop
4.7
µs
(see Figure 1)
t(HD:STA)
Hold time after (repeated) start (see Figure 1)
4.0
µs
t(SU:STA)
Repeated start setup time (see Figure 1)
4.7
µs
t(SU:STO)
Stop setup time (see Figure 1)
4.0
µs
t(HD:DAT)
Receive mode
0
ns
Data hold time (see Figure 1)
Transmit mode
300
t(SU:DAT)
Data setup time (see Figure 1)
250
ns
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq20z75


Similar Part No. - BQ20Z75DBTR-V160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75DBTR-V160 TI-BQ20Z75DBTR-V160 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBTR-V160 TI1-BQ20Z75DBTR-V160 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ20Z75DBTR-V160G4 TI1-BQ20Z75DBTR-V160G4 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
More results

Similar Description - BQ20Z75DBTR-V160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75_08 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBTR-V180 TI-BQ20Z75DBTR-V180 Datasheet
896Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com