Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S20S200A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S20S200A
Description  Hall Effect Current Sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S20S200A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S20S200A Datasheet HTML 1Page - List of Unclassifed Manufacturers S20S200A Datasheet HTML 2Page - List of Unclassifed Manufacturers S20S200A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
86
TAMURA CORPORATION
43352 Business Park Drive. | P.O. Box 892230 Temecula, CA 92589-2230 | www.tamuracorp.com
USA
Tel: 800-872-6624
Fax: 909-676-9482
Japan
Tel: 81 (0)3 3978-2111
Fax: 81 (0)3 3923-0230
United Kingdom
Tel: 44 (0) 1380 731 700
Fax: 44 (0) 1380 731 702
Hong Kong
Tel: 852-2389-4321
Fax: 852-2341-9689
Hall Effect Current Sensors
6 to 25 Amp Applications –– Closed Loop
• Multirange Current Sensor
• Voltage Output
• Compact PCB Mount
• Single Supply (+5V)
• CE EN50178 (pending)
www.tamuracorp.com
Specification
S22P015S05
S22P006S05
S22P025S05
Nominal Primary r.m.s. Current
(If)
±6A
±15A
±25A
Maximum Current
If(max)
±18A
±45A
±75A
Offset Voltage (If=0)
VREF
2.5V±30mV
2.5V±20mV
2.5V±15mV
Output Voltage
VOUT
VREF ± 0.625V
Output Voltage Accuracy1 @ If
X
0.625V ±10mV
Output Linearity (0 to If)
EL
±0.25%
Power Supply
Vcc
±5V±5%
Response Time
tr
≤1µs
Current Consumption
IC
12.5mA Typ
Output Temperature Characteristic
ICEG
±0.05mV/°C
Offset Temperature Characteristic
TCVOUT
1.25mV/°C
1.25mV/°C
1.25mV/°C
Hysteresis Allowance (If=0 to Ifmax) VOH
≤ 0.25mV
Withstand Voltage (50/60Hz)
Vd
3,000VACrms for 1 minute (sensing current 0.5mA)
Insulation Resistance @ 500VDC
RIS
≥500M
Operating Bandwidth (1dB)
f
DC - 200kHz
Operating Temperature
TA
-10 - +85°C
Storage Temperature
TS
-25 - +100°C
1
Without offset
Specifications Measured at 25˚C, RL-10K
, Vcc=+5V
Package & Weight Information
100
8
QTY/Box
Weight/each(g)


Similar Part No. - S20S200A

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
S20S20PT CHENMKO-S20S20PT Datasheet
95Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - S20S200A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S26P200D15Y ETC2-S26P200D15Y Datasheet
549Kb / 2P
   Hall Effect Current Sensors
logo
Honeywell Accelerometer...
CSNE151-104 HONEYWELL-ACC-CSNE151-104 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNR151-004 HONEYWELL-ACC-CSNR151-004 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNK500M HONEYWELL-ACC-CSNK500M Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
logo
Littelfuse
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
   Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
   Hall Effect Sensors
55505 LITTELFUSE-55505 Datasheet
484Kb / 2P
   Hall Effect Sensors
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
   Hall Effect Sensors
55110 LITTELFUSE-55110 Datasheet
447Kb / 3P
   Hall Effect Sensors
logo
List of Unclassifed Man...
L18P015S05 ETC2-L18P015S05 Datasheet
514Kb / 2P
   Hall Effect Current Sensors L18P S05 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com