Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP7NC80Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP7NC80Z
Description  N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NC80Z Datasheet(HTML) 2 Page - STMicroelectronics

  STP7NC80Z Datasheet HTML 1Page - STMicroelectronics STP7NC80Z Datasheet HTML 2Page - STMicroelectronics STP7NC80Z Datasheet HTML 3Page - STMicroelectronics STP7NC80Z Datasheet HTML 4Page - STMicroelectronics STP7NC80Z Datasheet HTML 5Page - STMicroelectronics STP7NC80Z Datasheet HTML 6Page - STMicroelectronics STP7NC80Z Datasheet HTML 7Page - STMicroelectronics STP7NC80Z Datasheet HTML 8Page - STMicroelectronics STP7NC80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
STP7NC80Z - STP7NC80ZFP - STB7NC80Z - STB7NC80Z-1
2/13
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
(*) Limited only by maximum temperature allowed
THERMAL DATA
AVALANCHE CHARACTERISTICS
GATE-SOURCE ZENER DIODE
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Value
Unit
STP7NC80Z
STB7NC80Z
STB7NC80Z-1
STP7NC80ZFP
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
800
V
VGS
Gate- source Voltage
±25
V
ID
Drain Current (continuous) at TC = 25°C
6.5
6.5 (*)
A
ID
Drain Current (continuous) at TC = 100°C
4
4(*)
A
IDM ( )
Drain Current (pulsed)
26
26 (*)
A
PTOT
Total Dissipation at TC = 25°C
135
40
W
Derating Factor
1.08
0.32
W/°C
IGS
Gate-source Current
±50
mA
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
3KV
dv/dt
Peak Diode Recovery voltage slope
3
V/ns
VISO
Insulation Withstand Voltage (DC)
--
2000
V
Tstg
Storage Temperature
-65 to 150
°C
Tj
Max.Operating Junction Temperature
150
°C
TO-220 / D2PAK /
I2PAK
TO-220FP
Rthj-case
Thermal Resistance Junction-case Max
0.93
3.13
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
30
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
6.5
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID =IAR,VDD =50 V)
290
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
25
V
αT
Voltage Thermal Coefficient
T=25°C Note(3)
1.3
10-4/°C
Rz
Dynamic Resistance
ID =20mA,
90


Similar Part No. - STP7NC80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
   N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH?줚I MOSFET
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
   N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP7NC70ZFP STMICROELECTRONICS-STP7NC70ZFP Datasheet
529Kb / 13P
   N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
More results

Similar Description - STP7NC80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NC80Z STMICROELECTRONICS-STP4NC80Z Datasheet
526Kb / 13P
   N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP4NC80ZFP STMICROELECTRONICS-STP4NC80ZFP Datasheet
543Kb / 14P
   N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
   N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP8NC70Z STMICROELECTRONICS-STP8NC70Z Datasheet
532Kb / 13P
   N-CHANNEL 700V - 0.90ohm - 6.8A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
   N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?줚I MOSFET
STP6NC80Z STMICROELECTRONICS-STP6NC80Z Datasheet
511Kb / 13P
   N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
   N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
STP3NC90Z STMICROELECTRONICS-STP3NC90Z Datasheet
335Kb / 11P
   N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP2NC70Z STMICROELECTRONICS-STP2NC70Z Datasheet
634Kb / 13P
   N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH?줚II MOSFET
STP5NC70Z STMICROELECTRONICS-STP5NC70Z Datasheet
348Kb / 12P
   N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com