Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S22P015S05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S22P015S05
Description  Hall Effect Current Sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S22P015S05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S22P015S05 Datasheet HTML 1Page - List of Unclassifed Manufacturers S22P015S05 Datasheet HTML 2Page - List of Unclassifed Manufacturers S22P015S05 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAMURA CORPORATION
43352 Business Park Drive. | P.O. Box 892230 Temecula, CA 92589-2230 | www.tamuracorp.com
85
Hall Effect Current Sensors
USA
Tel: 800-872-6624
Fax: 909-676-9482
Japan
Tel: 81 (0)3 3978-2111
Fax: 81 (0)3 3923-0230
United Kingdom
Tel: 44 (0) 1380 731 700
Fax: 44 (0) 1380 731 702
Hong Kong
Tel: 852-2389-4321
Fax: 852-2341-9689
50 to 300 Amp Applications –– Closed Loop
• Panel Mount Design
• Current Output type
• Very High Linearity
•+12V or +15V Supply Voltage
• CE EN50178 (pending)
www.tamuracorp.com
Specification
S20S100A
S20S050A
S20S150A
S20S200A
S20S300A
Nominal Primary DC Current
(If)
50A
100A
150A
200A
300A
Maximum Current
If(max)
75A
150A
225A
300A
450A
Output Current @ If
IOUT
50mA
100mA
150mA
100mA
150mA
Conversion Ratio
KN
1:1000
1:1000
1:1000
1:2000
1:2000
Offset Current (If=0)
Io
±0.5mA
Accuracy 4
X
< ±1% of If
Output Linearity 4 (0..MAX)
EL
±0.25%
Power Supply
Vcc
12V or ±15V ±5% 2
Response Time @ di/dt=50A/uSec
tr
≤1µs
Current Consumption
Ic
±16mA 3
Output Temperature Characteristic
TCIOUT
±0.02% / °C @ If (Ta=-5 to +70°C)
Offset Temperature Characteristic
IOT
±0.025mA / °C @ If=0 (Ta=-5 to +70°C)
Hysteresis Allowance
IOH
≤ 0.5mA
Withstand Voltage (50/60Hz)
Vd
2,500VACrms for 1 minute (sensing current 0.5mA)
Insulation Resistance @ 500VDC
RIS
≥500M
Frequency Bandwidth (-3dB)
f
DC - 150kHz
Operating Temperature
TA
-10 - +70°C
Storage Temperature
TS
-20 - +85°C
Secondary Coil Resistance
RS
1
Ohms @ 70°C (Contact Tamura Tech Support)
1
TBD
2
Ifmax is Restricted by Vcc
3
Output Current not included
4
Without offset
Specifications Measured at 25˚C, RL±15K
, Vcc=+12V
Package & Weight Information
TBD
46
QTY/Box
Weight/each(g)


Similar Part No. - S22P015S05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S22 FAIRCHILD-S22 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S22 ETC2-S22 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yea Shin Technology Co....
S22 YEASHIN-S22 Datasheet
731Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
S22 DYELEC-S22 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
logo
Banner Engineering Corp...
S22 BANNER-S22 Datasheet
886Kb / 8P
   S22 Pro Touch Button
More results

Similar Description - S22P015S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S26P200D15Y ETC2-S26P200D15Y Datasheet
549Kb / 2P
   Hall Effect Current Sensors
logo
Honeywell Accelerometer...
CSNE151-104 HONEYWELL-ACC-CSNE151-104 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNR151-004 HONEYWELL-ACC-CSNR151-004 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNK500M HONEYWELL-ACC-CSNK500M Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
logo
Littelfuse
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
   Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
   Hall Effect Sensors
55505 LITTELFUSE-55505 Datasheet
484Kb / 2P
   Hall Effect Sensors
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
   Hall Effect Sensors
55110 LITTELFUSE-55110 Datasheet
447Kb / 3P
   Hall Effect Sensors
logo
List of Unclassifed Man...
L18P015S05 ETC2-L18P015S05 Datasheet
514Kb / 2P
   Hall Effect Current Sensors L18P S05 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com