Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6713SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6713SPBF
Description  DirectFET TM Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6713SPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF6713SPBF Datasheet HTML 1Page - International Rectifier IRF6713SPBF Datasheet HTML 2Page - International Rectifier IRF6713SPBF Datasheet HTML 3Page - International Rectifier IRF6713SPBF Datasheet HTML 4Page - International Rectifier IRF6713SPBF Datasheet HTML 5Page - International Rectifier IRF6713SPBF Datasheet HTML 6Page - International Rectifier IRF6713SPBF Datasheet HTML 7Page - International Rectifier IRF6713SPBF Datasheet HTML 8Page - International Rectifier IRF6713SPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF6713SPbF
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient ƒ
ˆ Used double sided cooling , mounting pad with large heatsink.
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Notes:
Š Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
(still air).
‰ Mounted to a PCB with
small clip heatsink (still air)
‰ Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air)
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τi (sec)
1.6173
0.000361
13.743
0.126662
23.749
1.3404
18.890
51
τ
J
τ
J
τ1
τ1
τ2
τ
2
τ3
τ3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τA
τA
τ
4
τ
4
R
4
R
4
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
e
W
PD @TA = 70°C
Power Dissipation
e
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
el
–––
58
RθJA
Junction-to-Ambient
jl
12.5
–––
RθJA
Junction-to-Ambient
kl
20
–––
°C/W
RθJC
Junction-to-Case
fl
–––
3.0
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
W/°C
1.4
0.017
270
-40 to + 150
Max.
42
2.2


Similar Part No. - IRF6713SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6713SPBF IRF-IRF6713SPBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF6713SPBF IRF-IRF6713SPBF Datasheet
236Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6713SPBF IRF-IRF6713SPBF_15 Datasheet
236Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
More results

Similar Description - IRF6713SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
250Kb / 9P
   DirectFET TM Power MOSFET
IRF6626 IRF-IRF6626 Datasheet
632Kb / 9P
   DirectFET TM Power MOSFET
IRF6712SPBF IRF-IRF6712SPBF_08 Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6641TRPBF IRF-IRF6641TRPBF_07 Datasheet
244Kb / 9P
   DirectFET TM Power MOSFET
IRF6720S2TRPBF IRF-IRF6720S2TRPBF Datasheet
232Kb / 10P
   DirectFET TM Power MOSFET
IRF6641TR1PBF IRF-IRF6641TR1PBF Datasheet
250Kb / 9P
   DirectFET TM MOSFET
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com