Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ75A Datasheet(PDF) 4 Page - UNIOHM CORPORATION

Part # SMCJ75A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

SMCJ75A Datasheet(HTML) 4 Page - UNIOHM CORPORATION

  SMCJ75A Datasheet HTML 1Page - UNIOHM CORPORATION SMCJ75A Datasheet HTML 2Page - UNIOHM CORPORATION SMCJ75A Datasheet HTML 3Page - UNIOHM CORPORATION SMCJ75A Datasheet HTML 4Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMCJ60(C)
60
66.7
84.5
1
107
14.0
5
GGH
BGH
SMCJ160(C)
160
178
226.0
1
287
5.2
5
GHN
BHN
SMCJ130(C)
130
144
182.5
1
231
6.5
5
GHH
BHH
SMCJ110(C)
110
122
154.5
1
196
7.7
5
GHD
BHD
SMCJ90(C)
90
100
126.5
1
160
9.4
5
GGW BGW
SMCJ78(C)
78
86.7
109.8
1
139
10.8
5
GGS
BGS
SMCJ70(C)
70
77.8
98.6
1
125
12.0
5
GGN
BGN
SMCJ60(C)A
60
66.7
76.7
1
96.8
15.5
5
GGK
BGK
SMCJ160(C)A
160
178
205.0
1
259
5.8
5
GHP
BHP
SMCJ130(C)A
130
144
165.5
1
209
7.2
5
GHK
BHK
SMCJ110(C)A
110
122
140.5
1
177
8.4
5
GHE
BHE
SMCJ90(C)A
90
100
115.5
1
146
10.3
5
GGX
BGX
SMCJ78(C)A
78
86.7
99.7
1
126
11.4
5
GGT
BGT
SMCJ70(C)A
70
77.8
89.5
1
113
13.3
5
GGP
BGP
SMCJ64(C)A
64
71.1
81.8
1
103
14.6
5
GGM BGM
SMCJ170(C)A
170
189
217.5
1
275
5.5
5
GHR
BHR
SMCJ150(C)A
150
167
192.5
1
243
6.2
5
GHM BHM
SMCJ120(C)A
120
133
153.0
1
193
7.9
5
GHG
BHG
SMCJ100(C)A
100
111
128.0
1
162
9.3
5
GGZ
BGZ
SMCJ85(C)A
85
94.4
108.2
1
137
10.4
5
GGV
BGV
SMCJ75(C)A
75
83.3
95.8
1
121
12.4
5
GGR
BGR
SMCJ64(C)
64
71.1
90.1
1
114
13.2
5
GGL
BGL
SMCJ170(C)
160
189
239.5
1
304
4.9
5
GHQ
BHQ
SMCJ150(C)
150
167
211.5
1
268
5.6
5
GHL
BHL
SMCJ120(C)
120
133
169.0
1
214
7.0
5
GHF
BHF
SMCJ100(C)
100
111
141.0
1
179
8.4
5
GGY
BGY
SMCJ85(C)
85
94.4
119.2
1
151
9.9
5
GGU
BGU
SMCJ75(C)
75
83.3
105.7
1
134
11.2
5
GGQ
BGQ
1500 Watt Surface Mount TVS
PART NUMBER
REVERSE
BREAKDOWN BREAKDOWN
TEST
MAXIMUM
PEAK
REVERSE
MARKING
ADD C FOR BI- STAND-OFF
VOLTAGE
VOLTAGE
CURRENT
CLAMPING
PULSE
LEAKAGE
CODE
DIRECTIONAL
VOLTAGE
VBR (V)
VBR (V)
IT
VOLTAGE
CURRENT @ VRWM
See Note 1
VRWM (V)
MIN. @IT
MAX. @IT
(mA)
@Ipp Vc (V)
Ipp (A)
IR( A)
UNI
BI


Similar Part No. - SMCJ75A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ75A DCCOM-SMCJ75A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ75A VISHAY-SMCJ75A Datasheet
114Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
logo
Yangzhou yangjie electr...
SMCJ75A YANGJIE-SMCJ75A Datasheet
198Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Guangdong Youtai Semico...
SMCJ75A UMW-SMCJ75A Datasheet
558Kb / 3P
   5V-188V 1500W
logo
Taiwan Semiconductor Co...
SMCJ75A TSC-SMCJ75A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ75A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com