Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5Q256C Datasheet(PDF) 51 Page - Lattice Semiconductor

Part # LC5512MC-5Q256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5Q256C Datasheet(HTML) 51 Page - Lattice Semiconductor

Back Button LC5512MC-5Q256C Datasheet HTML 47Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 48Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 49Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 50Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 51Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 52Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 53Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 54Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 55Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
51
ispXPLD 5256MX Logic Signal Connections
sysIO Bank
LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate Input
256 fpBGA
Ball Number
Macrocell 1
Macrocell 2
0
61N
H30
G17
H17
H31
B1
0
61P
H28
G16
H16
H29
C1
0
62N
H26
G15
H15
H27
D3
0
62P
H24
G14
H14
H25
C2
0
63N
H22
G13
H13
H23
E3
0
63P
H21
G12
H12
-
D2
-
-
VCC
-
-
-
VCC
0
64N
H20
G11
H11
-
E2
0
64P
H18/CLK_OUT0
G10
H10
H19
F2
0
65N
H16
G9
H9
H17
F1
0
65P
H14
G8
H8
H15
G1
-
-
GND
-
-
-
GND
0
66N
H12
G7
H7
H13
F3
-
-
VCCO0
-
-
-
VCCO0
0
66P
H10
G6
H6
H11
G5
-
-
GND (Bank 0)
-
-
-
GND (Bank 0)
0
67N
H8
G5
H5
H9
H5
0
67P
H6/PLL_RST0
G4
H4
H7
G4
0
68N
H5
-
-
-
G3
0
68P
H4/PLL_FBK0
-
-
-
H3
0
69N
H2
-
-
H3
G2
0
69P
H0
-
-
H1
H1
-
GCLK0P
GCLK0
-
-
-
H2
-
-
VCCJ
-
-
-
See Power Supply and
NC Connections Table
-
GCLK0N
GCLK1
-
-
-
J2
-
-
GND
-
-
-
GND
-
-
TDI
-
-
-
H6
-
-
TMS
-
-
-
H4
-
-
TCK
-
-
-
J6
-
-
TDO
-
-
-
K2
1
0P
A0/DATA0
A0
B0
A1
K3
1
0N
A2/DATA1
A1
B1
A3
J3
1
1P
A4/DATA2
A2
B2
-
J5
1
1N
A5/DATA3
A3
B3
-
J4
1
2P
A6/DATA4
A4
B4
A7
L2
1
2N
A8/DATA5
A5
B5
A9
M1
-
-
GND (Bank 1)
-
-
-
GND (Bank 1)
1
3P
A10/DATA6
A6
B6
A11
K4
-
-
VCCO1
-
-
-
VCCO1
1
3N
A12/DATA7
A7
B7
A13
L3
-
-
GND
-
-
-
GND
1
4P
A14/INITB
A8
B8
A15
K5


Similar Part No. - LC5512MC-5Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com