Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5Q256C Datasheet(PDF) 60 Page - Lattice Semiconductor

Part # LC5512MC-5Q256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5Q256C Datasheet(HTML) 60 Page - Lattice Semiconductor

Back Button LC5512MC-5Q256C Datasheet HTML 56Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 57Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 58Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 59Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 60Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 61Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 62Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 63Page - Lattice Semiconductor LC5512MC-5Q256C Datasheet HTML 64Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
60
2
47N
G26
G27
108
N14
V19
GND (Bank 2)
109
GND (Bank 2) GND (Bank 2)
2
48P
G28
F16
H16
G29
110
N16
T18
2
48N
G30
F17
H17
G31
111
M16
R17
2
49P
H0
F18
H18
H1
112
M14
U19
2
49N
H2
F19
H19
H3
113
M15
T19
2
50P
H4
E24
H5
V20
——
VCC
114
VCC
VCC
2
50N
H6
E26
H7
NC
U20
2
51P
H8
F20
H20
H9
115
L13
W20
2
51N
H10
F21
H21
H11
116
L12
Y21
2
52P
H12
F22
H22
H13
117
L15
R18
2
52N
H14
F23
H23
H15
118
L16
R19
GND
119
GND
GND
2
53P
H16
F24
H24
H17
120
L14
W21
——
VCCO2
121
VCCO2
VCCO2
2
53N
H18
F25
H25
H19
122
K15
Y22
GND (Bank 2)
123
GND (Bank 2) GND (Bank 2)
2
54P
H20
F26
H26
H21
124
K14
R20
2
54N
H22
F27
H27
H23
125
K12
P20
2
55P
H24
F28
H28
H25
126
K13
T21
2
55N
H26
F29
H29
H27
127
J13
R21
2
56P
H28
F30
H30
H29
128
J14
U21
2
56N
H30
F31
H31
H31
129
J12
V21
TOE
130
J15
W22
RESET
131
J11
V22
GOE0
132
H11
T22
GOE1
133
H13
R22
GNDP
See Power Supply and NC Connections Table
GCLK3N
GCLK2
135
H15
P16
——
VCCP
——
See Power Supply and NC Connections Table
GCLK3P
GCLK3
137
H16
N16
3
57N
I30
I31
138
H14
J22
3
57P
I28
I29
139
G16
H22
3
58N
I26
I27
140
G15
E22
3
58P
I24/PLL_FBK1
I25
141
F15
E21
3
59N
I22/PLL_RST1
I27
K27
I23
142
H12
G22
3
59P
I20
I26
K26
I21
143
G14
F21
GND (Bank 3)
144
GND (Bank 3) GND (Bank 3)
3
60N
I18
I25
K25
I19
145
F16
H21
VCCO3
146
VCCO3
VCCO3
3
60P
I16
I24
K24
I17
147
E16
G21
GND
148
GND
GND
ispXPLD 5512MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS
Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Input
208 PQFP
Pin Number
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1 Macrocell 2


Similar Part No. - LC5512MC-5Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com