Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52Q256C Datasheet(PDF) 34 Page - Lattice Semiconductor

Part # LC5512MC-52Q256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52Q256C Datasheet(HTML) 34 Page - Lattice Semiconductor

Back Button LC5512MC-52Q256C Datasheet HTML 30Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 31Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 32Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 33Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 34Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 35Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 36Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 37Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 38Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
34
tCASC
Additional Delay for
PT Cascading
between MFBs
0.71
0.80
0.89
0.92
1.33
ns
tCICOMFB
Carry Chain Delay,
MFB to MFB
0.35
0.39
0.44
0.46
0.66
ns
tCICOMC
Carry Chain Delay,
Macro-Cell to
Macro-Cell
0.10
0.11
0.13
0.13
0.19
ns
tFLAG
Routing Delay for
Extended Function
Flags
2.62
2.94
3.27
3.40
4.91
ns
tFLAGEXP
Additional Flag
Delay when
Expanding Data
Widths
tFLAGFULL,
tFLAGAFULL,
tFLAGEMPTY,
tFLAGAEMPTY
2.57
2.89
3.21
3.34
4.82
ns
tSUM
Counter Sum Delay
tPTSA
0.80
0.90
1.00
1.04
1.50
ns
Optional Adjusters
tBLA
Block Loading
Adder
tROUTE
0.04
0.04
0.05
0.05
0.07
ns
tEXP
PT Expander Adder
tROUTE
0.53
0.60
0.66
0.69
0.99
ns
tINDIO
Additional Delay for
the Input Register
tINREG
0.50
0.56
0.63
0.65
0.94
ns
tPLL_SEC_DELA
Y
Secondary PLL
Output Delay
tPLL_DELAY
0.91
0.91
0.91
0.91
0.91
ns
tINEXP
MFB Input Extender
tROUTE
0.62
0.70
0.78
0.81
1.16
ns
Input and Output Buffer Delays
tIOI
Input Buffer Selec-
tion Adder
tGCLK_IN, tIN,
tGOE, tRST
Refer to sysIO Adjuster Tables
ns
tIOO
Output Buffer
Selection Adder
tBUF
ns
FIFO
tFIFOWCLKS
Write Data Setup
before Write Clock
Time
-0.27
-0.27
-0.22
-0.22
-0.21
ns
tFIFOWCLKH
Write Data Hold
after Write Clock
Time
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tFIFOCLKSKEW
Opposite Clock
Cycle Delay
1.40
1.40
1.76
1.76
1.83
ns
tFIFOFULL
Write Clock to Full
Flag Delay
3.08
3.08
3.85
3.85
4.00
ns
tFIFOAFULL
Write Clock to
Almost Full Flag
Delay
3.08
3.08
3.86
3.86
4.01
ns
tFIFOEMPTY
Read Clock to
Empty Flag Delay
3.08
3.08
3.86
3.86
4.01
ns
tFIFOAEMPTY
Read Clock to
Almost Empty Flag
Delay
3.08
3.08
3.86
3.86
4.01
ns
ispXPLD 5000MX Family Internal Switching Characteristics (Continued)
Over Recommended Operating Conditions
Parameter
Description
Base
Parameter
-4
-45
-5
-52
-75
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - LC5512MC-52Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com