Electronic Components Datasheet Search |
|
LC5512MC-52Q256C Datasheet(PDF) 59 Page - Lattice Semiconductor |
|
LC5512MC-52Q256C Datasheet(HTML) 59 Page - Lattice Semiconductor |
59 / 92 page Lattice Semiconductor ispXPLD 5000MX Family Data Sheet 59 —— VCCO2 —— — 85 VCCO2 VCCO2 2 29N E10 F5 H5 E11 86 M10 U12 — — GND (Bank 2) — — — 87 GND (Bank 2) GND (Bank 2) 2 30P E12 F6 H6 E13 88 M11 AB13 2 30N E16 F7 H7 E17 89 T13 Y13 2 31P E18 — — E19 90 P11 V13 2 31N E20/VREF2 — — E21 91 T14 W13 2 32P E22 F8 H8 E23 92 R12 V14 2 32N E24 F9 H9 E25 93 R13 W14 2 33P E26 F10 H10 E27 94 N11 Y14 2 33N E28 F11 H11 E29 95 T15 AB14 2 34P F0 F12 H12 F1 96 R14 AB15 2 34N F2 F13 H13 F3 97 N12 AA15 2 35P F4 F14 H14 F5 98 P12 U13 —— VCCO2 —— — — VCCO2 VCCO2 2 35N F6 F15 H15 F7 99 R15 U14 — — GND (Bank 2) — — — — GND (Bank 2) GND (Bank 2) 2 36P F8 E0 — F9 — — W15 2 36N F10 E2 — F11 — — W16 2 37P F12 E4 — F13 — — Y16 2 37N F16 E6 — F17 — — AA16 2 38P F18 E8 — F19 — — AB16 2 38N F20 E10 — F21 — — AA17 2 39P F22 E12 — F23 — — Y17 2 39N F24 E16 — F25 — — AA18 2 40P F26 E20 — F27 — — W17 2 40N F28 E22 — F29 — — W18 2 41P G0 — — G1 — — V15 —— VCCO2 — — — 100 VCCO2 VCCO2 2 41N G2 — — G3 — — U15 — — GND (Bank 2) — — — 101 GND (Bank 2) GND (Bank 2) 2 42P G4 — — G5 102 P13 Y18 2 42N G6 — — G7 103 P15 V17 2 43P G8 — — G9 — M13 V16 2 43N G10 — — G11 — P14 U16 2 44P G12 — — G13 — — AB18 2 44N G14 — — G15 — — AB19 2 45P G16 — — G17 — — U18 2 45N G18 — — G19 — — T17 2 46P G20 — — G21 104 R16 AB20 2 46N G22 — — G23 105 P16 AA20 2 47P G24 — — G25 106 N15 Y19 —— VCCO2 — — — 107 VCCO2 VCCO2 ispXPLD 5512MX Logic Signal Connections (Continued) sysIO Bank LVDS Pair Primary Macrocell/ Function Alternate Outputs Alternate Input 208 PQFP Pin Number 256 fpBGA Ball Number 484 fpBGA Ball Number Macrocell 1 Macrocell 2 |
Similar Part No. - LC5512MC-52Q256C |
|
Similar Description - LC5512MC-52Q256C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |