Electronic Components Datasheet Search |
|
LC5512MC-52Q256C Datasheet(PDF) 71 Page - Lattice Semiconductor |
|
LC5512MC-52Q256C Datasheet(HTML) 71 Page - Lattice Semiconductor |
71 / 92 page Lattice Semiconductor ispXPLD 5000MX Family Data Sheet 71 3 76P L30/PLL_FBK1 L0 J0 L31 F15 E21 3 77N M0/PLL_RST1 P27 N27 M1 H12 G22 3 77P M2 P26 N26 M3 G14 F21 - - GND (Bank 3) - - - GND (Bank 3) GND (Bank 3) 3 78N M4 P25 N25 M5 F16 H21 - - VCCO3 - - - VCCO3 VCCO3 3 78P M6 P24 N24 - E16 G21 - - GND - - - GND GND 3 79N M8 P23 N23 M9 G13 D22 3 79P M10 P22 N22 M11 G12 D21 3 80N M12 P21 N21 M13 F14 J20 3 80P M14/CLK_OUT1 P20 N20 M15 E15 J19 3 81N M16 N31 - M17 F12 E20 - - VCC - - - VCC VCC 3 81P M18 N30 M30 M19 F13 F20 3 82N M20 N29 M28 M21 D16 H17 3 82P M22 N28 M26 M23 D15 H18 - - GND (Bank 3) - - - GND (Bank 3) GND (Bank 3) 3 83N M24 N27 - M25 — J18 - - VCCO3 - - - VCCO3 VCCO3 3 83P M26 N26 - M27 — H19 3 84N M28 N25 - M29 — G20 3 84P M30 N24 - M31 — G19 - - GND - - - GND GND 3 85N N0 N23 - N1 — C22 - - VCC - - - VCC VCC 3 85P N2 N22 - N3 — C21 3 86N N4 N21 - - — D20 3 86P N6 N20 - - — C19 3 87N N8 N19 - N9 C16 F19 3 87P N10 N18 - N11 B16 E19 - - GND (Bank 3) - - - GND (Bank 3) GND (Bank 3) 3 88N N12 N17 - N13 C15 G18 - - VCCO3 - - - VCCO3 VCCO3 3 88P N14 N16 - N15 B15 F18 3 89N N16 N15 - N17 E14 B20 3 89P N18 N14 - N19 D14 B19 3 90N N20 N13 - N21 E13 A20 3 90P N22 N12 - N23 A15 A19 3 91N N24 P19 N19 N25 D12 D18 3 91P N26 P18 N18 N27 B14 C18 3 92N N28 P17 N17 N29 C13 G17 3 92P N30 P16 N16 N31 A14 F16 ispXPLD 5768MX Logic Signal Connections (Continued) sysIO Bank LVDS Pair Primary Macrocell/ Function Alternate Outputs Alternate Inputs 256 fpBGA Ball Number 484 fpBGA Ball Number Macrocell 1 Macrocell 2 |
Similar Part No. - LC5512MC-52Q256C |
|
Similar Description - LC5512MC-52Q256C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |