Electronic Components Datasheet Search |
|
LC5512MC-52Q256C Datasheet(PDF) 76 Page - Lattice Semiconductor |
|
LC5512MC-52Q256C Datasheet(HTML) 76 Page - Lattice Semiconductor |
76 / 92 page Lattice Semiconductor ispXPLD 5000MX Family Data Sheet 76 0 175N AC22 AC27 AE27 AC23 K6 J5 - - VCCO0 - - - VCCO0 VCCO0 0 175P AC20 AC26 AE26 AC21 K3 J4 - - GND (Bank 0) - - - GND (Bank 0) GND (Bank 0) 0 176N AC18 AC25 AE25 AC19 K5 K7 0 176P AC16 AC24 AE24 AC17 K2 L7 0 177N AC14 AC23 AE23 AC15 L5 J3 0 177P AC12 AC22 AE22 AC13 K1 J2 0 178N AC10 AC21 AE21 AC11 L6 K6 0 178P AC8 AC20 AE20 AC9 L1 L6 0 179N AC6 AC19 AE19 AC7 M5 K5 0 179P AC4 AC18 AE18 AC5 L2 K4 0 180N AC2 AC17 AE17 AC3 N5 K3 - - VCCO0 - - - VCCO0 VCCO0 0 180P AC0 AC16 AE16 AC1 L3 K2 - - GND (Bank 0) - - - GND (Bank 0) GND (Bank 0) 0 181N AE30 AC15 AE15 AE31 M6 K1 0 181P AE28 AC14 AE14 AE29 M2 L2 0 182N AE26 AC13 AE13 AE27 P5 L5 - - VCC - - - VCC VCC 0 182P AE24 AC12 AE12 AE25 P6 L4 0 183N AE22 AC11 AE11 AE23 M3 L3 0 183P AE20 AC10 AE10 AE21 N6 M3 0 184N AE18 AC9 AE9 AE19 N2 M7 0 184P AE16 AC8 AE8 AE17 P1 N7 - - GND - - - GND GND 0 185N AE14 AC7 AE7 AE15 N3 M5 - - VCCO0 - - - VCCO0 VCCO0 0 185P AE12 AC6 AE6 AE13 M8 M4 - - GND (Bank 0) - - - GND (Bank 0) GND (Bank 0) 0 186N AE10 AC5 AE5 AE11 N8 M6 0 186P AE8 AC4 AE4 AE9 P2 N6 0 187N AE6 AC3 AE3 AE7 P8 M2 0 187P AE4 AC2 AE2 AE5 N4 M1 0 188N AE2 AC1 AE1 AE3 H1 N1 0 188P AE0 AC0 AE0 AE1 J1 N2 - GCLK0P GCLK0 - - - N7 N5 - - VCCJ - - - See Power Supply and NC Connections Table - GCLK0N GCLK1 - - - P7 N3 - - GND - - - GND GND - - TDI - - - R1 P4 - - TMS - - - R2 P5 ispXPLD 51024MX Logic Signal Connections (Continued) sysIO Bank LVDS Pair Primary Macrocell/Function Alternate Outputs Alternate Input 484 fpBGA Ball Number 672 fpBGA Ball Number Macrocell 1 Macrocell 2 |
Similar Part No. - LC5512MC-52Q256C |
|
Similar Description - LC5512MC-52Q256C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |