Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52Q256C Datasheet(PDF) 83 Page - Lattice Semiconductor

Part # LC5512MC-52Q256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52Q256C Datasheet(HTML) 83 Page - Lattice Semiconductor

Back Button LC5512MC-52Q256C Datasheet HTML 79Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 80Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 81Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 82Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 83Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 84Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 85Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 86Page - Lattice Semiconductor LC5512MC-52Q256C Datasheet HTML 87Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
83
-
GCLK3P
GCLK3
-
-
-
N16
N24
3
93N
R0
T31
R31
R1
J22
N23
3
93P
R2
T30
R30
R3
H22
N22
3
94N
R4
T29
R29
R5
N19
M26
3
94P
R6
T28
R28
R7
P15
M25
3
95N
R8
T27
R27
R9
P21
M23
3
95P
R10
T26
R26
R11
N15
M22
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
96N
R12
T25
R25
R13
M15
N20
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
96P
R14
T24
R24
R15
N20
M20
-
-
GND
-
-
-
GND
GND
3
97N
R16
T23
R23
R17
P22
N21
3
97P
R18
T22
R22
R19
N21
M21
3
98N
R20
T21
R21
R21
N17
M24
3
98P
R22
T20
R20
R23
M20
L24
3
99N
R24
T19
R19
R25
P17
L23
-
-
VCC
-
-
-
VCC
VCC
3
99P
R26
T18
R18
R27
P18
L22
3
100N
R28
T17
R17
R29
M21
L25
3
100P
R30
T16
R16
R31
M17
K26
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
101N
T0
T15
R15
T1
L20
K25
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
101P
T2
T14
R14
T3
N18
K24
3
102N
T4
T13
R13
T5
L21
K23
3
102P
T6
T12
R12
T7
M18
K22
3
103N
T8
T11
R11
T9
L22
J25
3
103P
T10
T10
R10
T11
L17
J24
3
104N
T12
T9
R9
T13
K22
L21
3
104P
T14
T8
R8
T15
L18
K21
3
105N
T16
T7
R7
T17
K21
L20
3
105P
T18
T6
R6
T19
K18
K20
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
106N
T20
T5
R5
T21
K20
J23
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
106P
T22
T4
R4
T23
K17
J22
3
107N
T24
T3
R3
T25
K19
J26
3
107P
T26
T2
R2
T27
J17
H26
3
108N
T28
T1
R1
T29
E22
H25
3
108P
T30/PLL_FBK1
T0
R0
T31
E21
H24
3
109N
U0/PLL_RST1
X27
V27
U1
G22
H23
3
109P
U2
X26
V26
U3
F21
H22
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-52Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com