Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP7NK40ZFP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP7NK40ZFP
Description  N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NK40ZFP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP7NK40ZFP Datasheet HTML 2Page - STMicroelectronics STP7NK40ZFP Datasheet HTML 3Page - STMicroelectronics STP7NK40ZFP Datasheet HTML 4Page - STMicroelectronics STP7NK40ZFP Datasheet HTML 5Page - STMicroelectronics STP7NK40ZFP Datasheet HTML 6Page - STMicroelectronics STP7NK40ZFP Datasheet HTML 7Page - STMicroelectronics STP7NK40ZFP Datasheet HTML 8Page - STMicroelectronics STP7NK40ZFP Datasheet HTML 9Page - STMicroelectronics STP7NK40ZFP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STP7NK40Z - STP7NK40ZFP - STD7NK40Z - STD7NK40Z-1
6/13
Source-drain Diode Forward Characteristics
Normalized BVDSS vs Temperature
Maximum Avalanche Energy vs Temperature


Similar Part No. - STP7NK40ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NK30Z STMICROELECTRONICS-STP7NK30Z Datasheet
266Kb / 10P
   N-CHANNEL 300V-0.80ohm-5A TO-220/TO-220FP Zener-Protected SuperMESH Power MOSFET
STP7NK30Z STMICROELECTRONICS-STP7NK30Z Datasheet
344Kb / 12P
   N-CHANNEL 300V - 0.80廓 - 5A TO-220/TO-220FP Zener-Protected SuperMESH?줞OSFET
STP7NK30Z STMICROELECTRONICS-STP7NK30Z Datasheet
731Kb / 15P
   N-channel, 300 V, 0.80 廓, 5 A TO-220, TO-220FP, DPAK Zener-protected SuperMESH??Power MOSFET
logo
VBsemi Electronics Co.,...
STP7NK30Z VBSEMI-STP7NK30Z Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STP7NK30Z STMICROELECTRONICS-STP7NK30Z_05 Datasheet
344Kb / 12P
   N-CHANNEL 300V - 0.80廓 - 5A TO-220/TO-220FP Zener-Protected SuperMESH?줞OSFET
More results

Similar Description - STP7NK40ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
   N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
   N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP17NK40Z STMICROELECTRONICS-STP17NK40Z Datasheet
394Kb / 10P
   N-CHANNEL 400V - 0.23ohm - 15A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
STP11NK40Z STMICROELECTRONICS-STP11NK40Z Datasheet
579Kb / 12P
   N-CHANNEL 400V - 0.49ohm - 9A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
   N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?줡ower MOSFET
STP9NK65Z STMICROELECTRONICS-STP9NK65Z Datasheet
158Kb / 7P
   N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
July 2003
STP10NK70Z STMICROELECTRONICS-STP10NK70Z Datasheet
384Kb / 10P
   N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
   N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com