Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1963A-18KTTR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL1963A-18KTTR
Description  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-18KTTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL1963A-18KTTR Datasheet HTML 5Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 6Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 7Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 8Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 9Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 10Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 11Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 12Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
0
0.25
0.5
0.75
1
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VSHDN = 0 V
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current – A
VIN = VOUT(nom) + 1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
IOUT = 1 mA
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
2
4
6
8
10
12
14
16
18
20
SHDN Input Voltage – V
TL1963A-xx
www.ti.com ........................................................................................................................................................ SLVS719A – JUNE 2008 – REVISED AUGUST 2008
TYPICAL CHARACTERISTICS (continued)
GROUND CURRENT
SHDN INPUT CURRENT
vs
vs
OUTPUT CURRENT
TEMPERATURE
Figure 13.
Figure 14.
SHDN INPUT CURRENT
SHDN THRESHOLD (OFF TO ON)
vs
vs
SHDN INPUT VOLTAGE
TEMPERATURE
Figure 15.
Figure 16.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TL1963A-18KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-18KTTR TI-TL1963A-18KTTR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18KTTR TI-TL1963A-18KTTR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18KTTR TI1-TL1963A-18KTTR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-18KTTRG3 TI-TL1963A-18KTTRG3 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18KTTRG3 TI-TL1963A-18KTTRG3 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results

Similar Description - TL1963A-18KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com