Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65055RSMR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65055RSMR
Description  2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65055RSMR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65055RSMR Datasheet HTML 3Page - Texas Instruments TPS65055RSMR Datasheet HTML 4Page - Texas Instruments TPS65055RSMR Datasheet HTML 5Page - Texas Instruments TPS65055RSMR Datasheet HTML 6Page - Texas Instruments TPS65055RSMR Datasheet HTML 7Page - Texas Instruments TPS65055RSMR Datasheet HTML 8Page - Texas Instruments TPS65055RSMR Datasheet HTML 9Page - Texas Instruments TPS65055RSMR Datasheet HTML 10Page - Texas Instruments TPS65055RSMR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TPS65055
www.ti.com.......................................................................................................................................................................................... SLVS844 – SEPTEMBER 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN_LDO1
27
I
Enable input for LDO1. Logic high enables the LDO, logic low disables the LDO.
EN_LDO2
28
I
Enable input for LDO2. Logic high enables the LDO, logic low disables the LDO.
EN_LDO3
15
I
Enable input for LDO3. Logic high enables the LDO, logic low disables the LDO.
EN_LDO4
16
I
Enable input for LDO4. Logic high enables the LDO, logic low disables the LDO.
threshold
7
I
Input to comparator driving the discharge output. If the input voltage at threshold is < 0.8 V, the discharge
output is actively pulled low.
discharge
14
O
Open drain output driven by the signal at the threshold input
RST
8
O
Open drain active low output; low after UVLO event
DPD
13
O
Open drain active low output; low after UVLO event
BP
1
I
Input for bypass capacitor for internal reference
PowerPAD™
Connect to GND
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65055


Similar Part No. - TPS65055RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS65050RSMR TI-TPS65050RSMR Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050RSMR TI-TPS65050RSMR Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65055RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com