Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65055RSMT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65055RSMT
Description  2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65055RSMT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65055RSMT Datasheet HTML 2Page - Texas Instruments TPS65055RSMT Datasheet HTML 3Page - Texas Instruments TPS65055RSMT Datasheet HTML 4Page - Texas Instruments TPS65055RSMT Datasheet HTML 5Page - Texas Instruments TPS65055RSMT Datasheet HTML 6Page - Texas Instruments TPS65055RSMT Datasheet HTML 7Page - Texas Instruments TPS65055RSMT Datasheet HTML 8Page - Texas Instruments TPS65055RSMT Datasheet HTML 9Page - Texas Instruments TPS65055RSMT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
DEVICE INFORMATION
PIN ASSIGNMENT (TOP VIEW)
16
15
14
13
12
11
10
9
1
2 3
4
5
6
7
8
24 23 22 21 20 19 18 17
EN_DCDC1
EN_DCDC2
EN_LDO1
EN_LDO2
VINLDO1
VLDO1
SDAT
SCLK
EN_LDO4
EN_LDO3
discharge
DPD
VLDO4
VINLDO3/4
VLDO3
DEFLDO1
25
26
27
28
29
30
31
32
TPS65055
TPS65055
SLVS844 – SEPTEMBER 2008.......................................................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Vcc
3
I
Power supply for digital and analog circuitry of DCDC1, DCDC2 and LDOs. This pin must be connected
to the same voltage supply as VINDCDC1/2.
VDCDC1
24
I
Feedback voltage sense input, connect directly to Vout1
VINDCDC1/2
21
Input voltage for VDCDC1 and VDCDC2 step-down converter. This must be connected to the same
voltage supply as VCC.
VDCDC2
18
I
Feedback voltage sense input, connect directly to Vout2
DEF_DCDC2
17
I
Select pin of converter 2 output voltage. High = 1.0 V, low = 1.2 V
L1
22
O
Switch pin of converter1. Connected to inductor
PGND1
23
I
GND for converter 1
PGND2
19
I
GND for converter 2
AGND
2
I
Analog GND, connect to PGND and PowerPAD
L2
20
O
Switch pin of converter 2. Connected to inductor.
EN_DCDC1
25
I
Enable input for converter1, active high
EN_DCDC2
26
I
Enable input for converter2, active high
VINLDO1
29
I
Input voltage for LDO1
VINLDO2
4
I
Input voltage for LDO2
VINLDO3/4
11
I
Input voltage for LDO3 and LDO4
VLDO1
30
O
Output voltage of LDO1
VLDO2
5
O
Output voltage of LDO2
VLDO3
10
O
Output voltage of LDO3
VLDO4
12
O
Output voltage of LDO4
DEFLDO1
9
I
Digital input, used to set the default output voltage of LDO1 to LDO4; LSB
DEFLDO2
6
I
Digital input, used to set the default output voltage of LDO1 to LDO4; MSB
SDAT
31
I/O
Data line for the I2C compatible interface.
SCLK
32
I
Clock input for the I2C compatible interface.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS65055


Similar Part No. - TPS65055RSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS65050RSMR TI-TPS65050RSMR Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050RSMR TI-TPS65050RSMR Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65055RSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com