Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3226CMPX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN3226CMPX
Description  Dual 2A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3226CMPX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN3226CMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN3226CMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN3226CMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN3226CMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN3226CMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN3226CMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3226CMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3226CMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3226CMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3226 / FAN3227 / FAN3228 / FAN3229 • Rev. 1.0.3
3
FAN3226
FAN3227
FAN3228
FAN3229
Figure 4. Pin Configurations (Repeated)
Pin Definitions
Name
Pin Description
ENA
Enable Input for Channel A. Pull pin low to inhibit driver A. ENA has TTL thresholds for both TTL and
CMOS INx threshold.
ENB
Enable Input for Channel B. Pull pin low to inhibit driver B. ENB has TTL thresholds for both TTL and
CMOS INx threshold.
GND
Ground. Common ground reference for input and output circuits.
INA
Input to Channel A.
INA+
Non-Inverting Input to Channel A. Connect to VDD to enable output.
INA-
Inverting Input to Channel A. Connect to GND to enable output.
INB
Input to Channel B.
INB+
Non-Inverting Input to Channel B. Connect to VDD to enable output.
INB-
Inverting Input to Channel B. Connect to GND to enable output.
OUTA
Gate Drive Output A: Held low unless required input(s) are present and VDD is above UVLO threshold.
OUTB
Gate Drive Output B: Held low unless required input(s) are present and VDD is above UVLO threshold.
OUTA
Gate Drive Output A
(inverted from the input): Held low unless required input is present and VDD is
above UVLO threshold.
OUTB
Gate Drive Output B
(inverted from the input): Held low unless required input is present and VDD is
above UVLO threshold.
P1
Thermal Pad
(MLP only). Exposed metal on the bottom of the package; may be left floating or connected
to GND; NOT suitable for carrying current.
VDD
Supply Voltage
. Provides power to the IC.
Output Logic
FAN3226 (x=A or B)
FAN3227 (x=A or B)
FAN3228 and FAN3229
(x=A or B)
ENx
INx
OUTx
ENx
INx
OUTx
INx+
INx−
OUTx
0
0
0
0
0
(7)
0
0
(7)
0
0
0
1
(7)
0
0
1
0
0
(7)
1
(7)
0
1
(7)
0
1
1
(7)
0
(7)
0
1
0
1
1
(7)
1
(7)
0
1
(7)
1
1
1
1
(7)
0
Note:
7.
Default input signal if no external connection is made.


Similar Part No. - FAN3226CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226CMPX FAIRCHILD-FAN3226CMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226CMPX FAIRCHILD-FAN3226CMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226CMPX FAIRCHILD-FAN3226CMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226CMPX FAIRCHILD-FAN3226CMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226CMPX FAIRCHILD-FAN3226CMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3226CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com