Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5361UC13X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN5361UC13X
Description  6MHz, 600mA TinyBuck??Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5361UC13X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN5361UC13X Datasheet HTML 1Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 2Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 3Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 4Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 5Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 6Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 7Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 8Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5361 • Rev. 1.0.0
2
Ordering Information
Part Number
Output
Voltage
(1)
Package
Eco Status Temperature Range
Packing
FAN5361UC10X
(2)
1.0V
FAN5361UC12X
1.2V
FAN5361UC13X
(2)
1.3V
FAN5361UC15X
(2)
1.5V
FAN5361UC18X
(2)
1.8V
FAN5361UC182X
1.82V
WLCSP-6 0.4mm Pitch
Green
–40 to +85°C
Tape and Reel
FAN5361UMP10X
(2)
1.0V
FAN5361UMP12X
(2)
1.2V
FAN5361UMP13X
(2)
1.3V
FAN5361UMP15X
(2)
1.5V
FAN5361UMP18X
(2)
1.8V
6 Lead UMLP 2 x 2mm
RoHS
–40 to +85°C
Tape and Reel
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Notes:
1.
Other voltage options available on request. Contact a Fairchild representative.
2.
Preliminary release.
Pin Configuration
C2
B2
A2
C1
B1
A1
MODE
SW
FB
VIN
EN
GND
Figure 2. WLCSP, Bumps Facing Down
C1
B1
A1
C2
B2
A2
MODE
SW
FB
VIN
EN
GND
Figure 3. WLCSP, Bumps Facing Up
Figure 4. UMLP, Leads Facing Down
Pin Definitions
Pin #
WLCSP MLP
Name Description
A1
3
MODE
MODE. Logic 1 on this pin forces the IC to stay in PWM mode. A logic 0 allows the IC to automatically
switch to PFM during light loads. The regulator also synchronizes its switching frequency to four times
the frequency provided on this pin. Do not leave this pin floating.
B1
2
SW
Switching Node. Connect to output inductor.
C1
1
FB
Feedback / VOUT. Connect to output voltage.
C2
6
GND Ground. Power and IC ground. All signals are referenced to this pin.
B2
5
EN
Enable. The device is in shutdown mode when voltage to this pin is <0.4V and enabled when >1.2V.
Do not leave this pin floating.
A2
4
VIN
Input Voltage. Connect to input power source.


Similar Part No. - FAN5361UC13X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5361UC123X ONSEMI-FAN5361UC123X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN5361UC182X ONSEMI-FAN5361UC182X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN5361UC19X ONSEMI-FAN5361UC19X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
More results

Similar Description - FAN5361UC13X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com