Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5355UC06X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5355UC06X
Description  1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5355UC06X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5355UC06X Datasheet HTML 1Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 2Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 3Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 4Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 5Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 6Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 7Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 8Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
© 2008 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FAN5355 • Rev. 1.0.4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings
are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
AVIN, SW, PVIN Pins
-0.3
6.5
V
VCC
Other Pins
-0.3
AVIN + 0.3
(8)
V
Human Body Model per JESD22-A114
3.5
KV
ESD
Electrostatic Discharge Protection Level
Charged Device Model per JESD22-C101
1.5
KV
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
8.
Lesser of 6.5V or VCC+0.3V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding
them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Units
VIN
Supply Voltage
2.7
5.5
V
f
Frequency Range
2.7
3.3
MHz
VSW
SDA and SCL Voltage Swing
(9)
2.5
V
TA
Ambient Temperature
–40
+85
°C
TJ
Junction Temperature
–40
+125
°C
Note:
9.
The I
2C interface operates with tHD;DAT = 0 as long as the pull-up voltage for SDA and SCL is less than 2.5V. If voltage
swings greater than 2.5V are required (for example if the I
2C bus is pulled up to VIN), the minimum tHD;DAT must be
increased to 80ns. Most I
2C masters change SDA near the midpoint between the falling and rising edges of SCL, which
provides ample tHD;DAT .
Dissipation Ratings(10)
Package
JA
(11)
Power Rating at TA ≤ 25°C
Derating Factor > TA = 25ºC
Molded Leadless Package (MLP)
49ºC/W
2050mW
21mW/ºC
Wafer-Level Chip-Scale Package (WLCSP)
110ºC/W
900mW
9mW/ºC
Notes:
10. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any
allowable ambient temperature is PD = [TJ(max) - TA ] / θJA.
11. This thermal data is measured with high-K board (four-layer board according to JESD51-7 JEDEC standard).


Similar Part No. - FAN5355UC06X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355UC06X FAIRCHILD-FAN5355UC06X Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
FAN5355UC06X FAIRCHILD-FAN5355UC06X Datasheet
1,020Kb / 24P
   1A / 0.8A, 6MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN5355UC06X ONSEMI-FAN5355UC06X Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results

Similar Description - FAN5355UC06X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355_10 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
FAN5365 FAIRCHILD-FAN5365 Datasheet
1,020Kb / 24P
   1A / 0.8A, 6MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com