Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7390 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7390
Description  High-Current, High & Low-Side, Gate-Drive IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7390 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7390 Datasheet HTML 1Page - Fairchild Semiconductor FAN7390 Datasheet HTML 2Page - Fairchild Semiconductor FAN7390 Datasheet HTML 3Page - Fairchild Semiconductor FAN7390 Datasheet HTML 4Page - Fairchild Semiconductor FAN7390 Datasheet HTML 5Page - Fairchild Semiconductor FAN7390 Datasheet HTML 6Page - Fairchild Semiconductor FAN7390 Datasheet HTML 7Page - Fairchild Semiconductor FAN7390 Datasheet HTML 8Page - Fairchild Semiconductor FAN7390 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7390 Rev. 1.0.2
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. TA=25°C, unless otherwise specified.
Notes:
1. Mounted on 76.2 x 114.3 x 1.6mm PCB (FR-4 glass epoxy material).
2. Refer to the following standards:
JESD51-2: Integral circuits thermal test method environmental conditions - natural convection
JESD51-3: Low effective thermal conductivity test board for leaded surface mount packages
3. Do not exceed PD under any circumstances.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Characteristics
Min.
Max.
Unit
VS
High-Side Floating Supply Offset Voltage
VB-25
VB+0.3
V
VB
High-Side Floating Supply Voltage
-0.3
625.0
V
VHO
High-Side Floating Output Voltage HO
VS-0.3
VB+0.3
V
VDD
Low-Side and Logic Fixed Supply Voltage
-0.3
25.0
V
VLO
Low-Side Output Voltage LO
-0.3
VDD+0.3
V
VIN
Logic Input Voltage (HIN and LIN)
VSS-0.3
VDD+0.3
V
VSS
Logic Ground (FAN7390M1 only)
VDD-25
VDD+0.3
V
dVS/dt
Allowable Offset Voltage Slew Rate
50
V/ns
PD
Power Dissipation(1)(2)(3)
8-DIP
1.25
W
8-SOP
0.625
14-SOP
1.0
θ
JA
Thermal Resistance, Junction-to-Ambient
8-DIP
100
°C/W
8-SOP
200
14-SOP
110
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature
+150
°C
Symbol
Parameter
Min.
Max.
Unit
VB
High-Side Floating Supply Voltage
VS+10
VS+20
V
VS
High-Side Floating Supply Offset Voltage
6-VDD
600
V
VHO
High-Side Output Voltage
VS
VB
V
VDD
Low-Side and Logic Supply Voltage
10
20
V
VLO
Low-Side Output Voltage
COM
VDD
V
VIN
Logic Input Voltage (HIN and LIN)
VSS
VDD
V
TA
Operating Ambient Temperature
-40
+125
°C


Similar Part No. - FAN7390

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7390 ONSEMI-FAN7390 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
July 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN73901M FAIRCHILD-FAN73901M Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN73901M ONSEMI-FAN73901M Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
More results

Similar Description - FAN7390

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7190 FAIRCHILD-FAN7190 Datasheet
232Kb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7391 ONSEMI-FAN7391 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
July 2017 Rev. 2
logo
Fairchild Semiconductor
FAN7390A FAIRCHILD-FAN7390A Datasheet
1Mb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390 FAIRCHILD-FAN7390_12 Datasheet
700Kb / 14P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7391 FAIRCHILD-FAN7391 Datasheet
524Kb / 13P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7371 FAIRCHILD-FAN7371 Datasheet
1Mb / 11P
   High-Current High-Side Gate Drive IC
logo
ON Semiconductor
FAN7371 ONSEMI-FAN7371 Datasheet
1Mb / 13P
   High-Current High-Side Gate Drive IC
Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73711 FAIRCHILD-FAN73711 Datasheet
1Mb / 11P
   High-Current, High-Side Gate Drive IC
logo
ON Semiconductor
FAN73711 ONSEMI-FAN73711 Datasheet
1Mb / 13P
   High-Current, High-Side Gate Drive IC
March 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7371 FAIRCHILD-FAN7371_09 Datasheet
1Mb / 11P
   High-Current High-Side Gate Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com