Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45F484C Datasheet(PDF) 69 Page - Lattice Semiconductor

Part # LC5512MV-45F484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45F484C Datasheet(HTML) 69 Page - Lattice Semiconductor

Back Button LC5512MV-45F484C Datasheet HTML 65Page - Lattice Semiconductor LC5512MV-45F484C Datasheet HTML 66Page - Lattice Semiconductor LC5512MV-45F484C Datasheet HTML 67Page - Lattice Semiconductor LC5512MV-45F484C Datasheet HTML 68Page - Lattice Semiconductor LC5512MV-45F484C Datasheet HTML 69Page - Lattice Semiconductor LC5512MV-45F484C Datasheet HTML 70Page - Lattice Semiconductor LC5512MV-45F484C Datasheet HTML 71Page - Lattice Semiconductor LC5512MV-45F484C Datasheet HTML 72Page - Lattice Semiconductor LC5512MV-45F484C Datasheet HTML 73Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
69
2
46N
G6
H19
-
G7
AB19
2
47P
G8
H20
-
G9
AA19
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
47N
G10
H21
-
G11
U17
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
48P
G12
H22
-
G13
V18
2
48N
G14
H23
-
G15
AB21
2
49P
G16
H24
-
G17
U18
2
49N
G18
H25
-
G19
T17
2
50P
G20
H26
-
G21
R16
AB20
2
50N
G22
H27
-
G23
P16
AA20
2
51P
G24
H28
-
G25
N15
Y19
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
51N
G26
H29
-
G27
N14
V19
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
52P
G28
F16
H16
G29
N16
T18
2
52N
G30
F17
H17
G31
M16
R17
2
53P
H0
F18
H18
H1
M14
U19
2
53N
H2
F19
H19
H3
M15
T19
2
54P
H4
H30
E24
H5
V20
-
-
VCC
-
-
-
VCC
VCC
2
54N
H6
H31
E26
H7
U20
2
55P
H8
F20
H20
H9
L13
W20
2
55N
H10
F21
H21
H11
L12
Y21
2
56P
H12
F22
H22
H13
L15
R18
2
56N
H14
F23
H23
H15
L16
R19
-
-
GND
-
-
-
GND
GND
2
57P
H16
F24
H24
H17
L14
W21
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
57N
H18
F25
H25
H19
K15
Y22
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
58P
H20
F26
H26
H21
K14
R20
2
58N
H22
F27
H27
H23
K12
P20
2
59P
H24
F28
H28
H25
K13
T21
2
59N
H26
F29
H29
H27
J13
R21
2
60P
H28
F30
H30
H29
J14
U21
2
60N
H30
F31
H31
H31
J12
V21
-
-
TOE
-
-
-
J15
W22
-
-
RESET
-
-
-
J11
V22
-
-
GOE0
-
-
-
H11
T22
-
-
GOE1
-
-
-
H13
R22
-
-
GNDP
-
-
-
See Power Supply and
NC Connections Table
ispXPLD 5768MX Logic Signal Connections (Continued)
sysIO Bank LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Inputs
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MV-45F484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45F484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com