Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3228TMPX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN3228TMPX
Description  Dual 2A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3228TMPX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN3228TMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 11Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3226 / FAN3227 / FAN3228 / FAN3229 • Rev. 1.0.3
8
Electrical Characteristics (Continued)
Unless otherwise noted, VDD=12V, TJ=-40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min. Typ.
Max.
Unit
Output
ISINK
OUT Current, Mid-Voltage, Sinking
(10)
OUT at VDD/2,
CLOAD=0.1µF, f=1kHz
2.4
A
ISOURCE
OUT Current, Mid-Voltage,
Sourcing
(10)
OUT at VDD/2,
CLOAD=0.1µF, f=1kHz
-1.6
A
IPK_SINK
OUT Current, Peak, Sinking
(10)
CLOAD=0.1µF, f=1kHz
3
A
IPK_SOURCE
OUT Current, Peak, Sourcing
(10)
CLOAD=0.1µF, f=1kHz
-3
A
tRISE
Output Rise Time
(11)
CLOAD=1000pF
12
20
ns
tFALL
Output Fall Time
(11)
CLOAD=1000pF
9
15
ns
tD1, tD2
Output Propagation Delay, CMOS
Inputs
(11)
0 - 12VIN, 1V/ns Slew Rate
6
15
29
ns
tD1, tD2
Output Propagation Delay, TTL
Inputs
(11)
0 - 5VIN, 1V/ns Slew Rate
7
16
30
ns
Propagation Matching Between
Channels
INA=INB, OUTA and OUTB at
50% point
1
2
ns
IRVS
Output Reverse Current Withstand
(10)
500
mA
Notes:
8.
Lower supply current due to inactive TTL circuitry.
9.
EN inputs have TTL thresholds; refer to the ENABLE section.
10. Not tested in production.
11. See Timing Diagrams of Figure 9 and Figure 10.
Timing Diagrams
Figure 9. Non-inverting
Figure 10. Inverting


Similar Part No. - FAN3228TMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3228TMPX FAIRCHILD-FAN3228TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMPX FAIRCHILD-FAN3228TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMPX FAIRCHILD-FAN3228TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMPX FAIRCHILD-FAN3228TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMPX FAIRCHILD-FAN3228TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3228TMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com