Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V82658B04S Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V82658B04S
Description  64 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 8M x 64
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V82658B04S Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V82658B04S Datasheet HTML 4Page - Mosel Vitelic, Corp V82658B04S Datasheet HTML 5Page - Mosel Vitelic, Corp V82658B04S Datasheet HTML 6Page - Mosel Vitelic, Corp V82658B04S Datasheet HTML 7Page - Mosel Vitelic, Corp V82658B04S Datasheet HTML 8Page - Mosel Vitelic, Corp V82658B04S Datasheet HTML 9Page - Mosel Vitelic, Corp V82658B04S Datasheet HTML 10Page - Mosel Vitelic, Corp V82658B04S Datasheet HTML 11Page - Mosel Vitelic, Corp V82658B04S Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
MOSEL VITELIC
V82658B04S
V82658B04S Rev. 1.2 March 2002
AC Operating Test Conditions (TA = 0 to 70°C, Voltage referenced to VSS = 0V)
Input/Output Capacitance
(VDD = 2.5V, VDDQ = 2.5V, TA = 25°C, f = 1MHz)
Parameter
Value
Unit
Reference Voltage
VDDQ x 0.5
V
Termination Voltage
VDDQ x 0.5
V
AC Input High Level Voltage (VIH, min)
VREF + 0.31
V
AC Input Low Level Voltage (VIL, max)
VREF - 0.31
V
Input Timing Measurement Reference Level Voltage
VREF
V
Output Timing Measurement Reference Level Voltage
VTT
V
Input Signal maximum peak swing
1.5
V
Input minimum Signal Slew Rate
1
V/ns
Termination Resistor (RT)
50
¾
Series Resistor (RS)
25
¾
Output Load Capacitance for Access Time Measurement (CL)
30
pF
Parameter
Symbol
Min
Max
Unit
Input capacitance (A0 ~ A11, BA0 ~ BA1, RAS, CAS, WE)
CIN1
36
45
pF
Input capacitance (CKE0)
CIN2
36
45
pF
Input capacitance (CS0)
CIN3
34
42
pF
Input capacitance (CLK1, CLK2)
CIN4
34
38
pF
Data & DQS input/output capacitance (DQ0~DQ63)
COUT
89
pF
Input capacitance (DM0~DM8)
CIN5
89
pF
Output Load Circuit (SSTL_2)
Output
Z0=50
CLOAD=30pF
VREF
=0.5*VDDQ
RT=50
Vtt=0.5*VDDQ


Similar Part No. - V82658B04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
More results

Similar Description - V82658B04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V826516G04S MOSEL-V826516G04S Datasheet
275Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V826632G24S MOSEL-V826632G24S Datasheet
213Kb / 14P
   256 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 32M x 64
V826516B04S MOSEL-V826516B04S Datasheet
285Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V826632B24S MOSEL-V826632B24S Datasheet
217Kb / 14P
   256 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 32M x 64
V826664G24S MOSEL-V826664G24S Datasheet
199Kb / 14P
   512 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 64M x 64
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V43648Z04VCTG-75 MOSEL-V43648Z04VCTG-75 Datasheet
136Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43648Y04VCTG-75 MOSEL-V43648Y04VCTG-75 Datasheet
146Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
   64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V43648Y04VCTG-10PC MOSEL-V43648Y04VCTG-10PC Datasheet
145Kb / 10P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com