Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH20N60SFD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGH20N60SFD
Description  600V, 20A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH20N60SFD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGH20N60SFD Datasheet HTML 1Page - Fairchild Semiconductor FGH20N60SFD Datasheet HTML 2Page - Fairchild Semiconductor FGH20N60SFD Datasheet HTML 3Page - Fairchild Semiconductor FGH20N60SFD Datasheet HTML 4Page - Fairchild Semiconductor FGH20N60SFD Datasheet HTML 5Page - Fairchild Semiconductor FGH20N60SFD Datasheet HTML 6Page - Fairchild Semiconductor FGH20N60SFD Datasheet HTML 7Page - Fairchild Semiconductor FGH20N60SFD Datasheet HTML 8Page - Fairchild Semiconductor FGH20N60SFD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FGH20N60SFD Rev. A
Typical Performance Characteristics
Figure 7. Saturation Voltage vs. VGE
Figure 8. Saturation Voltage vs. VGE
Figure 9. Capacitance Characteristics
Figure 10. Gate charge Characteristics
Figure 11. SOA Characteristics
Figure 12. Turn-on Characteristics vs.
Gate Resistance
0
4
8
121620
0
4
8
12
16
20
IC = 10A
20A
40A
Common Emitter
T
C = 25
o
C
Gate-Emitter Voltage, VGE [V]
0
4
8
121620
0
4
8
12
16
20
40A
IC = 10A
20A
Common Emitter
TC = 125
o
C
Gate-Emitter Voltage, VGE [V]
0.1
1
10
0
500
1000
1500
2000
2500
Common Emitter
VGE = 0V, f = 1MHz
TC = 25
o
C
C
res
C
oes
C
ies
Collector-Emitter Voltage, VCE [V]
30
020
40
60
80
0
3
6
9
12
15
Common Emitter
TC = 25
o
C
300V
200V
V
CC = 100V
Gate Charge, Qg [nC]
1
10
100
1000
0.01
0.1
1
10
100
Single Nonrepetitive
Pulse TC = 25
oC
Curves must be derated
linearly with increase
in temperature
1ms
10 ms
DC
10µs
100µs
Collector-Emitter Voltage, VCE [V]
0
10
2030405060
5
10
100
Common Emitter
VCC = 400V, VGE = 15V
IC = 20A
TC = 25
o
C
TC = 125
o
C
t
d(on)
t
r
Gate Resistance, RG []


Similar Part No. - FGH20N60SFD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGH20N60SFDTU ETC2-FGH20N60SFDTU Datasheet
797Kb / 9P
   High current capability, High input impedance
logo
Fairchild Semiconductor
FGH20N60SFDTU FAIRCHILD-FGH20N60SFDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
FGH20N60SFDTU ONSEMI-FGH20N60SFDTU Datasheet
812Kb / 9P
   IGBT - Field Stop 600 V, 20 A
February, 2020 - Rev. 3
FGH20N60SFDTU-F085 ONSEMI-FGH20N60SFDTU-F085 Datasheet
812Kb / 9P
   IGBT - Field Stop 600 V, 20 A
February, 2020 - Rev. 3
More results

Similar Description - FGH20N60SFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
FGP20N60UFD FAIRCHILD-FGP20N60UFD Datasheet
746Kb / 9P
   600V, 20A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD Datasheet
821Kb / 9P
   600V, 20A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD_11 Datasheet
1Mb / 9P
   600V, 20A Field Stop IGBT
FGB20N60SFD FAIRCHILD-FGB20N60SFD Datasheet
433Kb / 9P
   600V, 20A Field Stop IGBT
logo
Rohm
RGTH40TS65D ROHM-RGTH40TS65D Datasheet
729Kb / 12P
   650V 20A Field Stop Trench IGBT
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGA60N60UFD FAIRCHILD-FGA60N60UFD Datasheet
782Kb / 9P
   600V, 60A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH80N60FD FAIRCHILD-FGH80N60FD Datasheet
665Kb / 9P
   600V, 80A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com