Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2144 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FPF2144
Description  Full Function Load Switch with Reverse Current Blocking
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2144 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FPF2144 Datasheet HTML 1Page - Fairchild Semiconductor FPF2144 Datasheet HTML 2Page - Fairchild Semiconductor FPF2144 Datasheet HTML 3Page - Fairchild Semiconductor FPF2144 Datasheet HTML 4Page - Fairchild Semiconductor FPF2144 Datasheet HTML 5Page - Fairchild Semiconductor FPF2144 Datasheet HTML 6Page - Fairchild Semiconductor FPF2144 Datasheet HTML 7Page - Fairchild Semiconductor FPF2144 Datasheet HTML 8Page - Fairchild Semiconductor FPF2144 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.fairchildsemi.com
FPF2140/42/43/44/46/47 Rev. D
Typical Application Circuit
Functional Block Diagram
OFF ON
ON
VIN
GND
FPF2140/2/3/4/6/7
FLAGB
VOUT
TO LOAD
PGOOD
UVLO
THERMAL
SHUTDOWN
CURRENT
LIMIT
CONTROL
LOGIC
VIN
ON
PGOOD
FLAGB
GND
REVERSE
CURRENT
BLOCKING
VOUT


Similar Part No. - FPF2144

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2148 FAIRCHILD-FPF2148 Datasheet
760Kb / 12P
   Full Function Load Switch
More results

Similar Description - FPF2144

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
   2A Load Switch with Reverse Current Blocking
logo
Renesas Technology Corp
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
   Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
   3A Current Limited Load Switch with True Reverse Current Blocking
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
   2A Load Switch IC with True Reverse Current Blocking
2021-02-24
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com