Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5336 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5336
Description  1.5MHz Boost Regulator with 33V Integrated FET Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5336 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5336_07 Datasheet HTML 1Page - Fairchild Semiconductor FAN5336_07 Datasheet HTML 2Page - Fairchild Semiconductor FAN5336_07 Datasheet HTML 3Page - Fairchild Semiconductor FAN5336_07 Datasheet HTML 4Page - Fairchild Semiconductor FAN5336_07 Datasheet HTML 5Page - Fairchild Semiconductor FAN5336_07 Datasheet HTML 6Page - Fairchild Semiconductor FAN5336_07 Datasheet HTML 7Page - Fairchild Semiconductor FAN5336_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN5336_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FAN5336 Rev. 1.0.1
3
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Note:
1.
Using EIA/JESD22A114B (Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
2.
This load capacitance value is required for loop stability. Tolerance, temperature variation, and voltage dependency
of the capacitance must be considered. Typically a 4.7µF ceramic capacitor is required to achieve the specified
value at VOUT = 33V.
Symbols
Parameter
Min.
Max.
Unit
VIN
VIN to GND
6.0
V
FB, SHDN to GND
-0.3
VIN + 0.3
V
SW to GND
-0.3
35
V
TL
Lead Soldering Temperature (10 seconds)
300
°C
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55
150
°C
Θ
JA
Thermal Resistance
265
°C/W
ESD
Electrostatic Discharge Protection Level(1)
HBM
2
kV
CDM
1
Symbols
Parameter
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.7
5.5
V
VOUT
Output Voltage
9
33
V
TA
Ambient Operating Temperature
-40
25
85
°C
COUT
Output Capacitance
2.2(2)
10
µF


Similar Part No. - FAN5336_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5336MPX FAIRCHILD-FAN5336MPX Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
More results

Similar Description - FAN5336_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336 Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
   Automotive Boost Regulator with 4A Integrated Switch
logo
Eutech Microelectronics...
EUP2570 EUTECH-EUP2570 Datasheet
72Kb / 1P
   1MHz Boost Regulator with 18V Integrated FET Switch in Tiny SOT-23
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1661 MICROCHIP-MCP1661 Datasheet
1,011Kb / 34P
   High-Voltage Integrated Switch PWM Boost Regulator with UVLO
01/27/15
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Micrel Semiconductor
MIC3223 MICREL-MIC3223 Datasheet
1Mb / 24P
   High Power Boost LED Driver with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com