Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5602MP33X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN5602MP33X
Description  Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5602MP33X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN5602MP33X Datasheet HTML 1Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 2Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 3Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 4Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 5Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 6Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 7Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 8Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5602 Rev. 1.5.1
5
DC Electrical Characteristics
VIN = 2.7V to 5.5V, C1 = C2 = 1µF, CIN = COUT = 10µF, ENABLE = VIN, TA = -40°C to +85°C unless otherwise noted.
Typical values are at TA = 25°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VUVLO
Input Under-Voltage
Lockout
1.5
1.7
2.2
v
VOUT
Output Voltage
VIN ≥ 0.75 x VNOM,
0mA < ILOAD <100mA
0.97 x VNOM
VNOM
1.03 x VNOM
V
IQ
Quiescent Current
VIN ≥ 1.1 x VNOM,
ILOAD = 0mA
170
300
µA
Off Mode Supply Current
ENABLE = GND
0.1
1.0
µA
Output Short-Circuit
VOUT < 150mV
200
mA
Efficiency
VIN = 0.85 x VNOM,
ILOAD = 30mA
3.3V
75
%
4.5,5.0V
80
VIN = 1.1 x VNOM,
ILOAD = 30mA
3.3V
90
4.5,5.0V
92
fOSC
Oscillator Frequency
TA = 25°C
0.7
1.0
1.3
MHz
TSD
Thermal Shutdown
Threshold
145
°C
TSDHYS
Thermal Shutdown
Threshold Hysteresis
15
°C
VIH
ENABLE Logic Input High
Voltage
1.5
V
VIL
ENABLE Logic Input Low
Voltage
0.5
V
IEN
ENABLE Logic Input Bias
Current
ENABLE =VIN or GND
-1
1
µA
tON
VOUT Turn-On Time
VIN = 0.9 x VNOM, ILOAD =
0mA,10% to 90%
0.5
ms
VOUT Ripple
VIN = 2.5V, ILOAD = 200mA
10
mVpp


Similar Part No. - FAN5602MP33X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602MP33X FAIRCHILD-FAN5602MP33X Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602MP33X FAIRCHILD-FAN5602MP33X Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results

Similar Description - FAN5602MP33X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com