Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5632MPX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5632MPX
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5632MPX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5632MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
6
Typical Performance Characteristics
TA = 25°C, VOUT = 1.5V, VIN = 3.6V, CIN = 10µF, COUT = 10µF, CB = 1µF, unless otherwise noted.
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
30
35
40
45
50
55
60
65
70
75
80
85
90
V
OU T = 1.5V
V
SE L = HIGH
I
LOAD
= 150m A
40
45
50
55
60
65
70
75
80
85
90
110
100
Load Current (mA)
VIN = 3.3V
VSEL= HIGH
VIN = 4.2V
VIN = 2.7V
Figure 4. Efficiency vs. Input Voltage
Figure 5. Efficiency vs. Load Current
Input Voltage (V)
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
1.2
1.3
1.4
1.5
I
LOAD
= 100mA, VSEL = LOW
2.5
3.0
3.54.0
4.55.0
5.5
1.40
1.45
1.50
1.55
1.60
Input Voltage(
V)
ILoad = 50mA
TA =-40 °C
TA = 85 °C
TA =25 °C
Figure 6. FAN5632 Efficiency Optimizer
Efficiency and Output Voltage vs. Input Voltage
Figure 7. Line Regulation
Load Current (mA)
-2
-1.5
-1
-0.5
0
0.5
0
20
40
60
80
100
120
140
160
180
2.7V
3.2V
5.5V
2.2V
3.6V
1.50
1.51
1.52
1.53
1.54
-50
-25
0
25
50
75
100
125
150
Ambient Temperature (°C)
VIN = 3.6V
ILOAD = 1mA
Figure 8. Load Regulation
Figure 9. Thermal Regulation


Similar Part No. - FAN5632MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5632MPX FAIRCHILD-FAN5632MPX Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5632MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com