Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7382M1 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7382M1
Description  High- and Low-Side Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7382M1 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7382M1 Datasheet HTML 1Page - Fairchild Semiconductor FAN7382M1 Datasheet HTML 2Page - Fairchild Semiconductor FAN7382M1 Datasheet HTML 3Page - Fairchild Semiconductor FAN7382M1 Datasheet HTML 4Page - Fairchild Semiconductor FAN7382M1 Datasheet HTML 5Page - Fairchild Semiconductor FAN7382M1 Datasheet HTML 6Page - Fairchild Semiconductor FAN7382M1 Datasheet HTML 7Page - Fairchild Semiconductor FAN7382M1 Datasheet HTML 8Page - Fairchild Semiconductor FAN7382M1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Notes:
2. Mounted on 76.2 x 114.3 x 1.6mm PCB (FR-4 glass epoxy material).
3. Refer to the following standards:
JESD51-2: Integral circuits thermal test method environmental conditions - natural convection
JESD51-3: Low effective thermal conductivity test board for leaded surface mount packages
4. Do not exceed PD under any circumstances.
Recommended Operating Ratings
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Characteristics
Min.
Max.
Unit
VS
High-side offset voltage
VB-25
VB+0.3
V
VB
High-side floating supply voltage
-0.3
625
VHO
High-side floating output voltage HO
VS-0.3
VB+0.3
VCC
Low-side and logic fixed supply voltage
-0.3
25
VLO
Low-side output voltage LO
-0.3
VCC+0.3
VIN
Logic input voltage (HIN, LIN)
-0.3
VCC+0.3
COM
Logic ground
VCC-25
VCC+0.3
dVS/dt
Allowable offset voltage slew rate
50
V/ns
PD
(2)(3)(4)
Power dissipation
8-SOP
0.625
W
14-SOP
1.0
8-DIP
1.2
θ
JA
Thermal resistance, junction-to-ambient
8-SOP
200
°C/W
14-SOP
110
8-DIP
100
TJ
Junction temperature
150
°C
TSTG
Storage temperature
150
°C
Symbol
Parameter
Min.
Max.
Unit
VB
High-side floating supply voltage
VS+10
VS+20
V
VS
High-side floating supply offset voltage
6-VCC
600
VHO
High-side (HO) output voltage
VS
VB
VLO
Low-side (LO) output voltage
COM
VCC
VIN
Logic input voltage (HIN, LIN)
COM
VCC
VCC
Low-side supply voltage
10
20
TA
Ambient temperature
-40
125
°C


Similar Part No. - FAN7382M1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7382M1 FAIRCHILD-FAN7382M1 Datasheet
402Kb / 15P
   Half-Bridge Gate Driver
FAN7382M1 FAIRCHILD-FAN7382M1 Datasheet
382Kb / 15P
   High- and Low-Side Gate Driver
logo
ON Semiconductor
FAN7382M1 ONSEMI-FAN7382M1 Datasheet
377Kb / 16P
   High- and Low-Side Gate Driver
Rev. 1.0.8
logo
Fairchild Semiconductor
FAN7382M1X FAIRCHILD-FAN7382M1X Datasheet
402Kb / 15P
   Half-Bridge Gate Driver
FAN7382M1X FAIRCHILD-FAN7382M1X Datasheet
382Kb / 15P
   High- and Low-Side Gate Driver
More results

Similar Description - FAN7382M1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
Infineon Technologies A...
AUIRS2012S INFINEON-AUIRS2012S Datasheet
464Kb / 11P
   High and low side gate driver
February 25, 2015
logo
Fairchild Semiconductor
FAN7842 FAIRCHILD-FAN7842_07 Datasheet
364Kb / 13P
   High and Low Side Gate Driver
logo
ON Semiconductor
FAN7382 ONSEMI-FAN7382 Datasheet
377Kb / 16P
   High- and Low-Side Gate Driver
Rev. 1.0.8
logo
International Rectifier
AUIRS2012S IRF-AUIRS2012S_15 Datasheet
464Kb / 11P
   High and low side gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com