Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8674 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMS8674
Description  N-Channel PowerTrench짰 MOSFET 30V, 21A, 5.0m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS8674 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMS8674_08 Datasheet HTML 1Page - Fairchild Semiconductor FDMS8674_08 Datasheet HTML 2Page - Fairchild Semiconductor FDMS8674_08 Datasheet HTML 3Page - Fairchild Semiconductor FDMS8674_08 Datasheet HTML 4Page - Fairchild Semiconductor FDMS8674_08 Datasheet HTML 5Page - Fairchild Semiconductor FDMS8674_08 Datasheet HTML 6Page - Fairchild Semiconductor FDMS8674_08 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
©2008 Fairchild Semiconductor Corporation
FDMS8674 Rev.C1
Figure 7.
0
4
8
12
16
202428
0
2
4
6
8
10
ID = 17A
VDD = 15V
VDD = 10V
Qg, GATE CHARGE(nC)
VDD = 20V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1000
30
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
3000
50
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
100
1
10
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE(ms)
30
300
Unclamped Inductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
20
40
60
80
100
RθJC = 1.6
oC/W
VGS = 10V
VGS = 4.5V
T
C
, CASE TEMPERATURE (
o
C
)
Limited by Package
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
100µs
DC
10s
1s
100ms
10ms
1ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
300
Figure 12.
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
0.5
V
GS = 10V
t, PULSE WIDTH (s)
500
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDMS8674_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8674 FAIRCHILD-FDMS8674 Datasheet
222Kb / 6P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDMS8674_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDPF320N06L FAIRCHILD-FDPF320N06L Datasheet
225Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 21A, 25m廓
FDD6637 FAIRCHILD-FDD6637_10 Datasheet
334Kb / 7P
   P-Channel PowerTrench짰 MOSFET -35V, -21A, 18m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
FDD8880 FAIRCHILD-FDD8880_08 Datasheet
503Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
   N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com