Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2164A61TCF Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC2164A61TCF
Description  ICs for use with Crystal Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164A61TCF Datasheet(HTML) 1 Page - Torex Semiconductor

  XC2164A61TCF Datasheet HTML 1Page - Torex Semiconductor XC2164A61TCF Datasheet HTML 2Page - Torex Semiconductor XC2164A61TCF Datasheet HTML 3Page - Torex Semiconductor XC2164A61TCF Datasheet HTML 4Page - Torex Semiconductor XC2164A61TCF Datasheet HTML 5Page - Torex Semiconductor XC2164A61TCF Datasheet HTML 6Page - Torex Semiconductor XC2164A61TCF Datasheet HTML 7Page - Torex Semiconductor XC2164A61TCF Datasheet HTML 8Page - Torex Semiconductor XC2164A61TCF Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
ETR1414_003
PIN NUMBER
PIN NAME
FUNCTION
1
Q0
Clock Output
2
VSS
Ground
3
/XT
Crystal Oscillator
Connection (Output)
4
XT
Crystal Oscillator
Connection (Input)
5
VDD
Power Supply
6
/INH
Stand-by Control*
/INH
Q0
“H” or OPEN
Clock Output
“L”
High impedance
■GENERAL DESCRIPTION
The XC2164 series are high frequency, low current consumption CMOS ICs with built-in crystal oscillator and divider circuits.
For fundamental oscillation, output is selectable from any one of the following values for f0: f0/1, f0/2, f0/4, and f0/8.
With oscillation capacitors and a feedback resistor built-in, it is possible to configure a stable fundamental oscillator or 3rd
overtone oscillator using only an external crystal.
Also the series has stand-by function built-in and the type, which suspends the
oscillation completely (XC2164A~D type) or the type suspends only an output (XC2164K~N type) are available. The XC2164
series are integrated into SOT-26 packages.
The series is also available in chip form.
■APPLICATIONS
●Crystal oscillation modules
●Clocks for micro computer, DSPs
●Communication equipment
●Various system clocks
■FEATURES
Oscillation Frequency
Divider Ratio
Output
Operating Voltage Range
Low Power Consumption
CMOS
Built-in Oscillation Feedback Resistor
Built- in Oscillation Capacitors Cg, Cd
Packages
■PIN ASSIGNMENT
: 4MHz ~ 30MHz (Fundamental)
20MHz ~ 125MHz (3rd Overtone)
: Selectable from f0/1, f0/2, f0/4,
f0/8 (f0/2, f0/4, f0/8 are
fundamental only)
: 3-State
: 3.3V±10%, 5.0V±10%
: Stand-by function included
Selectable from Chip Enable type
and Output Enable type
: SOT-26, Chip Form (1.3x0.8mm)
■PIN CONFIGURATION
*Stand-by control pin has a pull-up resistor built-in.
unit [
μm]
■/INH, Q0 PIN FUNCTION
H = High level
L = Low level


Similar Part No. - XC2164A61TCF

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164A51 TOREX-XC2164A51 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2164A51A TOREX-XC2164A51A Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2164A51A TOREX-XC2164A51A Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC2164A51B TOREX-XC2164A51B Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2164A51B TOREX-XC2164A51B Datasheet
380Kb / 11P
   CMOS Low Power Consumption
More results

Similar Description - XC2164A61TCF

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com